Electronic Components Datasheet Search
  English  ▼

X  

TLP718 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP718
2012-12-19
5
TEST CIRCUIT 7: Switching Time Test Circuit
TEST CIRCUIT 8: Switching Time Test Circuit
TEST CIRCUIT 9: Common-Mode Transient Immunity Test Circuit
CMH (CML) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the
output voltage in the high (low) state.
)
s
(
tr
)
V
(
H
CM
μ
=
800
)
s
(
tf
)
V
(
L
CM
μ
−
=
800
CML
CMH
VCM
90%
1000V
・
SW A : I F =0mA
・
SW B : I F =5mA
1V
17V
Vo
tr
tf
10%
0.1uF
Vo
Vcc
1
3
6
5
4
VCM
B
Vcc
GND
SHIELD
2
SW
A
→
IF
+
-
Vo
0.1uF
Vcc
IF
Vcc
GND
SHIELD
CL
tp HL
IF
Vo
50%
VOL
VOH
tp LH
tf
tr
90%
10%
1.3V
1.3V
10%
90%
Vcc
GND
SHIELD
Vo
0.1uF
CL
Vcc
IF
5V
620Ω
5kΩ
tp HL
IF
1.3V
Vo
50%
VOL
VOH
tp LH
CL: stray capacitance of probe and wiring (to 15 pF)
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns)
CL: stray capacitance of probe and wiring (to 15 pF)
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com