Electronic Components Datasheet Search
  English  ▼

X  

TLP718 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP718
2012-12-19
8
Figure
1 Partial discharge measurement procedure according to EN60747
Destructive test for qualification and sampling tests.
Method A
(for type and sampling tests,
destructive tests)
t1, t2
t3, t4
tp(Measuring time for
partial discharge)
tb
tini
V
VINITIAL(8kV)
Vpr(1335V for TLPxxx)
(1710V for TLPxxxF)
VIORM(890V for TLPxxx)
(1140V for TLPxxxF)
0
t1
tini
t3
t2
tP
tb
t4
t
= 1 to 10 s
= 1 s
= 10 s
= 12 s
= 60 s
tP
Vpr(1670V for TLPxxx)
(2140V for TLPxxxF)
VIORM(890V for TLPxxx)
(1140V for TLPxxxF)
V
t
t3
t4
tb
Figure
2 Partial discharge measurement procedure according to EN60747
Non-destructive test for100% inspection.
Method B
(for sample test,non-
destructive test)
t3, t4
tp(Measuring time for
partial discharge)
tb
= 0.1 s
= 1 s
= 1.2 s
500
400
300
200
100
0
0
25
50
75
100
125
150
175
1000
800
600
400
200
0
Ta (°C)
←
Isi
Psi →
Isi
(mA)
Psi
(mW)
Figure
3 Dependency of maximum safety ratings on ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com