Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1015 Datasheet HTML 1Page - Texas Instruments ADS1015 Datasheet HTML 2Page - Texas Instruments ADS1015 Datasheet HTML 3Page - Texas Instruments ADS1015 Datasheet HTML 4Page - Texas Instruments ADS1015 Datasheet HTML 5Page - Texas Instruments ADS1015 Datasheet HTML 6Page - Texas Instruments ADS1015 Datasheet HTML 7Page - Texas Instruments ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADS1013
ADS1014
ADS1015
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
ADS1013, ADS1014, ADS1015
UNIT
VDD to GND
–0.3 to +5.5
V
Analog input current
100, momentary
mA
Analog input current
10, continuous
mA
Analog input voltage to GND
–0.3 to VDD + 0.3
V
SDA, SCL, ADDR, ALERT/RDY voltage to GND
–0.5 to +5.5
V
Maximum junction temperature
+150
°C
Storage temperature range
–60 to +150
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PRODUCT FAMILY
PACKAGE
INPUT CHANNELS
DESIGNATOR
RESOLUTION
MAXIMUM SAMPLE
(Differential/
DEVICE
MSOP/QFN
(Bits)
RATE (SPS)
COMPARATOR
PGA
Single-Ended)
ADS1113
BROI/N6J
16
860
No
No
1/1
ADS1114
BRNI/N5J
16
860
Yes
Yes
1/1
ADS1115
BOGI/N4J
16
860
Yes
Yes
2/4
ADS1013
BRMI/N9J
12
3300
No
No
1/1
ADS1014
BRQI/N8J
12
3300
Yes
Yes
1/1
ADS1015
BRPI/N7J
12
3300
Yes
Yes
2/4
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com