Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1015 Datasheet HTML 1Page - Texas Instruments ADS1015 Datasheet HTML 2Page - Texas Instruments ADS1015 Datasheet HTML 3Page - Texas Instruments ADS1015 Datasheet HTML 4Page - Texas Instruments ADS1015 Datasheet HTML 5Page - Texas Instruments ADS1015 Datasheet HTML 6Page - Texas Instruments ADS1015 Datasheet HTML 7Page - Texas Instruments ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS
All specifications at –40°C to +125°C, VDD = 3.3V, and Full-Scale (FS) = ±2.048V, unless otherwise noted.
Typical values are at +25°C.
ADS1013, ADS1014, ADS1015
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
VIN = (AINP) – (AINN)
±4.096/PGA
V
Analog input voltage
AINP or AINN to GND
GND
VDD
V
Differential input impedance
See Table 2
FS = ±6.144V(1)
10
M
Ω
FS = ±4.096V(1), ±2.048V
6
M
Ω
Common-mode input impedance
FS = ±1.024V
3
M
Ω
FS = ±0.512V, ±0.256V
100
M
Ω
SYSTEM PERFORMANCE
Resolution
No missing codes
12
Bits
128, 250,
490, 920,
Data rate (DR)
SPS
1600, 2400,
3300
Data rate variation
All data rates
–10
10
%
Output noise
See Typical Characteristics
Integral nonlinearity
DR = 128SPS, FS = ±2.048V, best fit(2)
0.5
LSB
FS = ±2.048V, differential inputs
0
±0.5
LSB
Offset error
FS = ±2.048V, single-ended inputs
±0.25
LSB
Offset drift
FS = ±2.048V
0.005
LSB/°C
Gain error(3)
FS = ±2.048V at 25°C
0.05
0.25
%
FS = ±0.256V
7
ppm/°C
Gain drift(3)
FS = ±2.048V
5
40
ppm/°C
FS = ±6.144V(1)
5
ppm/°C
PGA gain match(3)
Match between any two PGA gains
0.02
0.1
%
Gain match
Match between any two inputs
0.05
0.1
%
Offset match
Match between any two inputs
0.25
LSB
DIGITAL INPUT/OUTPUT
Logic level
VIH
0.7VDD
5.5
V
VIL
GND – 0.5
0.3VDD
V
VOL
IOL = 3mA
GND
0.15
0.4
V
Input leakage
IH
VIH = 5.5V
10
μA
IL
VIL = GND
10
μA
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
(2)
99% of full-scale.
(3)
Includes all errors from onboard PGA and reference.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com