Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1015 Datasheet HTML 17Page - Texas Instruments ADS1015 Datasheet HTML 18Page - Texas Instruments ADS1015 Datasheet HTML 19Page - Texas Instruments ADS1015 Datasheet HTML 20Page - Texas Instruments ADS1015 Datasheet HTML 21Page - Texas Instruments ADS1015 Datasheet HTML 22Page - Texas Instruments ADS1015 Datasheet HTML 23Page - Texas Instruments ADS1015 Datasheet HTML 24Page - Texas Instruments ADS1015 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VDD
GPIO_0
GPIO_1
Microcontrolleror
Microprocessor
withGPIOPorts
5
10
1
2
3
4
ADDR
ALERT/RDY
GND
AIN0
AIN1
SCL
9
8
7
6
SDA
VDD
AIN3
AIN2
ADS1015
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
CONNECTING MULTIPLE DEVICES
states. To drive the line low, the pin is set to output
'0'; to let the line go high, the pin is set to input. When
Connecting multiple ADS1013/4/5s to a single bus is
the pin is set to input, the state of the pin can be
simple. Using the address pin, the ADS1013/4/5 can
read; if another device is pulling the line low, this
be set to one of four different I2C addresses. An
configuration reads as a '0' in the port input register.
example showing four ADS1013/4/5 devices is given
in Figure 21. Up to four ADS1013/4/5s (using
Note that no pull-up resistor is shown on the SCL
different
address
pin
configurations)
can
be
line. In this simple case, the resistor is not needed;
connected to a single bus.
the microcontroller can simply leave the line on
output, and set it to '1' or '0' as appropriate. This
Note that only one set of pull-up resistors is needed
action is possible because the ADS1013/4/5 never
per bus. The pull-up resistor values may need to be
drive the clock line low. This technique can also be
lowered slightly to compensate for the additional bus
used with multiple devices, and has the advantage of
capacitance
presented
by
multiple
devices
and
lower current consumption as a result of the absence
increased line length.
of a resistive pull-up.
The TMP421 and DAC8574 devices detect the
If there are any devices on the bus that may drive the
respective I2C bus addresses based on the states of
clock lines low, this method should not be used; the
pins. In Figure 22, the TMP421 has the address
SCL line should be high-Z or '0' and a pull-up resistor
0101010,
and
the
DAC8574
has
the
address
provided as usual.
1001100. Consult the DAC8574 and TMP421 data
sheets, available at www.ti.com, for further details.
Some microcontrollers have selectable strong pull-up
circuits built in to the GPIO ports. In some cases,
these circuits can be switched on and used in place
USING GPIO PORTS FOR COMMUNICATION
of an external pull-up resistor. Weak pull-ups are also
Most
microcontrollers
have
programmable
provided on some microcontrollers, but usually these
input/output (I/O) pins that can be set in software to
are too weak for I2C communication. If there is any
act as inputs or outputs. If an I2C controller is not
doubt about the matter, test the circuit before
available, the ADS1013/4/5 can be connected to
committing it to production.
GPIO pins and the I2C bus protocol simulated, or
bit-banged,
in
software.
An
example
of
this
configuration for a single ADS1013/4/5 is shown in
Figure 20.
Bit-banging I2C with GPIO pins can be done by
setting the GPIO line to '0' and toggling it between
input and output modes to apply the proper bus
NOTE: ADS1013/4/5 power and input connections omitted for clarity.
Figure 20. Using GPIO with a Single ADS1015
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com