Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1015 Datasheet HTML 1Page - Texas Instruments ADS1015 Datasheet HTML 2Page - Texas Instruments ADS1015 Datasheet HTML 3Page - Texas Instruments ADS1015 Datasheet HTML 4Page - Texas Instruments ADS1015 Datasheet HTML 5Page - Texas Instruments ADS1015 Datasheet HTML 6Page - Texas Instruments ADS1015 Datasheet HTML 7Page - Texas Instruments ADS1015 Datasheet HTML 8Page - Texas Instruments ADS1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SCL
SDA
t
LOW
t
R
t
F
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
SUDAT
t
HIGH
t
SUSTA
t
SUSTO
P
S
S
P
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
TIMING REQUIREMENTS
Figure 1. I2C Timing Diagram
Table 1. I2C Timing Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
SCL operating frequency
fSCL
0.01
0.4
0.01
3.4
MHz
Bus free time between START and STOP
tBUF
600
160
ns
condition
Hold time after repeated START condition.
tHDSTA
600
160
ns
After this period, the first clock is generated.
Repeated START condition setup time
tSUSTA
600
160
ns
Stop condition setup time
tSUSTO
600
160
ns
Data hold time
tHDDAT
0
0
ns
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/data fall time
tF
300
160
ns
Clock/data rise time
tR
300
160
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com