Electronic Components Datasheet Search
  English  ▼

X  

FX028 Datasheet(PDF) 2 Page - Texas Instruments

Part # FX028
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX028 Datasheet(HTML) 2 Page - Texas Instruments

  FX028 Datasheet HTML 1Page - Texas Instruments FX028 Datasheet HTML 2Page - Texas Instruments FX028 Datasheet HTML 3Page - Texas Instruments FX028 Datasheet HTML 4Page - Texas Instruments FX028 Datasheet HTML 5Page - Texas Instruments FX028 Datasheet HTML 6Page - Texas Instruments FX028 Datasheet HTML 7Page - Texas Instruments FX028 Datasheet HTML 8Page - Texas Instruments FX028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS61087
SLVS821C – MAY 2008 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
TA
ORDERING
PACKAGE
PACKAGE MARKING
–40 to 85°C
TPS61087DRC
QFN-10 (DRC)
PMOQ
TPS61087DSC
QFN-10 (DSC)
PMWI
(1)
The DRC package is available taped and reeled.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range IN(2)
–0.3 to 7.0
V
Voltage range on pins EN, FB, SS, FREQ, COMP
–0.3 to 7.0
V
Voltage on pin SW
–0.3 to 20
V
ESD rating HBM
2
kV
ESD rating MM
200
V
ESD rating CDM
500
V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
–40 to 150
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
(1) (2)
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
POWER RATING
POWER RATING
QFN
1.74 W
0.96 W
0.70 W
(1)
PD = (TJ – TA)/RθJA.
(2)
The exposed thermal die is soldered to the PCB using thermal vias. For more information, see the
Texas Instruments Application report SLMA002 regarding thermal characteristics of the PowerPAD
package.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.5
6
V
VS
Boost output voltage range
VIN + 0.5
18.5
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPS61087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com