Electronic Components Datasheet Search
  English  ▼

X  

FX028 Datasheet(PDF) 13 Page - Texas Instruments

Part # FX028
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX028 Datasheet(HTML) 13 Page - Texas Instruments

Back Button FX028 Datasheet HTML 9Page - Texas Instruments FX028 Datasheet HTML 10Page - Texas Instruments FX028 Datasheet HTML 11Page - Texas Instruments FX028 Datasheet HTML 12Page - Texas Instruments FX028 Datasheet HTML 13Page - Texas Instruments FX028 Datasheet HTML 14Page - Texas Instruments FX028 Datasheet HTML 15Page - Texas Instruments FX028 Datasheet HTML 16Page - Texas Instruments FX028 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TPS61087
www.ti.com
SLVS821C – MAY 2008 – REVISED JULY 2013
ΔVC_ESR can be neglected in many cases since ceramic capacitors provide low ESR.
Frequency Select Pin (FREQ)
The frequency select pin FREQ allows to set the switching frequency of the device to 650 kHz (FREQ = low) or
1.2 MHz (FREQ = high). Higher switching frequency improves load transient response but reduces slightly the
efficiency. The other benefits of higher switching frequency are a lower output ripple voltage. The use of a 1.2
MHz switching frequency is recommended unless light load efficiency is a major concern.
Undervoltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an undervoltage lockout is included that disables the
device, if the input voltage falls below 2.4 V.
Thermal Shutdown
A thermal shutdown is implemented to prevent damages due to excessive heat and power dissipation. Typically
the thermal shutdown happens at a junction temperature of 150°C. When the thermal shutdown is triggered the
device stops switching until the junction temperature falls below typically 136°C. Then the device starts switching
again.
Overvoltage Prevention
If overvoltage is detected on the FB pin (typically 3 % above the nominal value of 1.238 V) the part stops
switching immediately until the voltage on this pin drops to its nominal value. This prevents overvoltage on the
output and secures the circuits connected to the output from excessive overvoltage.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS61087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com