Electronic Components Datasheet Search
  English  ▼

X  

FX028 Datasheet(PDF) 8 Page - Texas Instruments

Part # FX028
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX028 Datasheet(HTML) 8 Page - Texas Instruments

Back Button FX028 Datasheet HTML 4Page - Texas Instruments FX028 Datasheet HTML 5Page - Texas Instruments FX028 Datasheet HTML 6Page - Texas Instruments FX028 Datasheet HTML 7Page - Texas Instruments FX028 Datasheet HTML 8Page - Texas Instruments FX028 Datasheet HTML 9Page - Texas Instruments FX028 Datasheet HTML 10Page - Texas Instruments FX028 Datasheet HTML 11Page - Texas Instruments FX028 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
COMP
FB
GM Amplifier
Vref
SW
SW
GateDriverof
Power
Transistor
IN
SS
PWM
Generator
Currentlimit
and
SoftStart
t
Generator
OFF
t
ON
PGND
BiasVref = 1.238V
UVLO
ThermalShutdown
AGND
EN
FREQ
VIN
VS
TPS61087
SLVS821C – MAY 2008 – REVISED JULY 2013
www.ti.com
DETAILED DESCRIPTION
Figure 13. Block Diagram
The boost converter is designed for output voltages up to 18.5 V with a switch peak current limit of 3.2 A
minimum. The device, which operates in a current mode scheme with quasi-constant frequency, is externally
compensated for maximum flexibility and stability. The switching frequency is selectable between 650 kHz and
1.2 MHz and the minimum input voltage is 2.5 V. To limit the inrush current at start-up a soft-start pin is
available.
TPS61087 boost converter’s novel topology using adaptive off-time provides superior load and line transient
responses and operates also over a wider range of applications than conventional converters.
The selectable switching frequency offers the possibility to optimize the design either for the use of small sized
components (1.2 MHz) or for higher system efficiency (650 kHz). However, the frequency changes slightly
because the voltage drop across the rDS(on) has some influence on the current and voltage measurement and
thus on the on-time (the off-time remains constant).
The converter operates in continuous conduction mode (CCM) as soon as the input current increases above half
the ripple current in the inductor, for lower load currents it switches into discontinuous conduction mode (DCM). If
the load is further reduced, the part starts to skip pulses to maintain the output voltage.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TPS61087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com