Electronic Components Datasheet Search
  English  ▼

X  

FX028 Datasheet(PDF) 1 Page - Texas Instruments

Part # FX028
Description  650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FX028 Datasheet(HTML) 1 Page - Texas Instruments

  FX028 Datasheet HTML 1Page - Texas Instruments FX028 Datasheet HTML 2Page - Texas Instruments FX028 Datasheet HTML 3Page - Texas Instruments FX028 Datasheet HTML 4Page - Texas Instruments FX028 Datasheet HTML 5Page - Texas Instruments FX028 Datasheet HTML 6Page - Texas Instruments FX028 Datasheet HTML 7Page - Texas Instruments FX028 Datasheet HTML 8Page - Texas Instruments FX028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
EN
SW
FB
FREQ
AGND
COMP
SS
1
4
6
8
3
7
2
5
PGND
9
10
SW
Cby
1 F
16V
m
Cin
2*10 F
16V
m
V
2.5Vto6V
IN
L
3.3 H
m
D
SL22
V
15V/500mA
S
R1
200kW
R2
18kW
Cout
4*10 F
25V
m
Rcomp
100kW
Ccomp
820pF
Css
100nF
TPS61087
Actual Size
3 mm x 3 mm
TPS61087
www.ti.com
SLVS821C – MAY 2008 – REVISED JULY 2013
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
Check for Samples: TPS61087
1
FEATURES
•
2.5 V to 6 V Input Voltage Range
APPLICATIONS
•
18.5 V Boost Converter With 3.2 A Switch
•
Handheld Devices
Current
•
GPS Receiver
•
650 kHz/1.2 MHz Selectable Switching
•
Digital Still Camera
Frequency
•
Portable Applications
•
Adjustable Soft-Start
•
DSL Modem
•
Thermal Shutdown
•
PCMCIA Card
•
Undervoltage Lockout
•
TFT LCD Bias Supply
•
10-Pin QFN and thin QFN Packages
DESCRIPTION
The TPS61087 is a high frequency, high efficiency DC to DC converter with an integrated 3.2 A, 0.13
Ω power
switch capable of providing an output voltage up to 18.5 V. The selectable frequency of 650 kHz or 1.2 MHz
allows the use of small external inductors and capacitors and provides fast transient response. The external
compensation allows optimizing the application for specific conditions. A capacitor connected to the soft-start pin
minimizes inrush current at startup.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FX028

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0280 BULGIN-FX0280 Datasheet
69Kb / 1P
In-Line PC1 and In-Line Sealed to IP66, PC1
FX0280 BULGIN-FX0280 Datasheet
1Mb / 18P
FUSEHOLDERS
FX0285 BULGIN-FX0285 Datasheet
69Kb / 1P
In-Line PC1 and In-Line Sealed to IP66, PC1
FX0285 BULGIN-FX0285 Datasheet
1Mb / 18P
FUSEHOLDERS
More results

Similar Description - FX028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087-Q1 TI1-TPS61087-Q1 Datasheet
808Kb / 26P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER WITH 3.2 A SWITCH
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087_15 Datasheet
1Mb / 34P
TPS61087 650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61087-Q1 TI1-TPS61087-Q1_16 Datasheet
1Mb / 30P
TPS61087-Q1 650-kHz or 1.2-MHz, 18.5-V Step-Up DC-DC Converter With 3.2-A Switch
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com