Electronic Components Datasheet Search
  English  ▼

X  

DOC8228 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Specifications
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-8
8228B–MCU Wireless–06/09
Current consumption actually depends on multiple factors, including but not limited to, the board design
and materials, BitCloud settings, network activity, EEPROM read/write operations. It also depends on
MCU load and/or peripherals used by an application.
3.1.3
RF Characteristics
Note:
1. Preliminary data
3.1.4
ATmega1281V Microcontroller Characteristics
3.1.5
Module Interfaces characteristics
Table 3-3. RF Characteristics
Parameters
Condition
Range
Unit
Frequency Band
2.4000 to 2.4835
GHz
Numbers of Channels
16
Channel Spacing
5
MHz
Transmitter Output Power
Adjusted in 16 steps
+10 to +20
dBm
Receiver Sensitivity
(1)
PER = 1%
-104
dBm
On-Air Data Rate
250
kbps
TX Output/ RX Input Nominal Impedance
Unbalanced output
50
Ω
Range, outdoors
With external 2.2 dBi
antenna
Up to 4000
m
Table 3-4. ATmega1281V Characteristics
Parameters
Condition
Range
Unit
On-chip Flash Memory size
128K
bytes
On-chip RAM size
8K
bytes
On-chip EEPROM size
4K
bytes
Operation Frequency
4
MHz
Table 3-5. Module Interfaces characteristics
Parameters
Condition
Range
Unit
UART Maximum Baud Rate
38.4
kbps
ADC Resolution/ Conversion Time
In single conversion
mode
10/200
Bits/µs
ADC Input Resistance
>1
M
Ω
ADC Reference Voltage (VREF)
1.0 to V
CC -3
V
ADC Input Voltage
0 - VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com