Electronic Components Datasheet Search
  English  ▼

X  

DOC8228 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 15Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 16Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 17Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Specifications
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-11
8228B–MCU Wireless–06/09
Table 3-6. Pin descriptions
Connector
Pin
Pin Name
Description
I/O
Default
State after
Power on
1
SPI_CLK
Reserved for stack operation
(4)
O
2
SPI_MISO
Reserved for stack operation
(4)
I/O
3
SPI_MOSI
Reserved for stack operation
(4)
I/O
4
GPIO0
General Purpose digital Input/Output 0
(2)(3)(4)(7)
I/O
tri-state
5
GPIO1
General Purpose digital Input/Output 1
(2)(3)(4)(7)
I/O
tri-state
6
GPIO2
General Purpose digital Input/Output 2
(2)(3)(4)(7)
I/O
tri-state
7
OSC32K_OUT
32.768 kHz clock output
(4)(5)
O
8
RESET
Reset input (active low)
(4)
9,22,23
DGND
Digital Ground
10
CPU_CLK
RF clock output. When module is in active state, 4
MHz signal is present on this line. While module is
in the sleeping state, clock generation is also
stopped
(4).
O
11
I2C_CLK
I2C Serial clock output
(2)(3)(4)(7)
O
tri-state
12
I2C_DATA
I2C Serial data input/output
(2)(3)(4)(7)
I/O
tri-state
13
UART_TXD
UART receive input
(1)(2)(3)(4)(7)
I
tri-state
14
UART_RXD
UART transmit output
(1)(2)(3)(4)(7)
O
tri-state
15
UART_RTS
RTS input (Request to send) for UART hardware
flow control. Active low
(2)(3)(4)(7)
I
tri-state
16
UART_CTS
CTS output (Clear to send) for UART hardware
flow control. Active low
(2)(3)(4)(7)(8)
O
tri-state
17
GPIO6
General Purpose digital Input/Output 6
(2)(3)(4)(7)
I/O
tri-state
18
GPIO7
General Purpose digital Input/Output 7
(2)(3)(4)(7)
I/O
tri-state
19
GPIO3
General Purpose digital Input/Output 3
(2)(3)(4)(7)
I/O
tri-state
20
GPIO4
General Purpose digital Input/Output 4
(2)(3)(4)(7)
I/O
tri-state
21
GPIO5
General Purpose digital Input/Output 5
(2)(3)(4)(7)
I/O
tri-state
24,25
D_VCC
Digital Supply Voltage (V
CC)
(9)
26
JTAG_TMS
JTAG Test Mode Select
(2)(3)(4)(6)
I
27
JTAG_TDI
JTAG Test Data Input
(2)(3)(4)(6)
I
28
JTAG_TDO
JTAG Test Data Output
(2)(3)(4)(6)
O
29
JTAG_TCK
JTAG Test Clock
(2)(3)(4)(6)
I
30
ADC_INPUT_3
ADC Input Channel 3
(2)(3)(7)
I
tri-state
31
ADC_INPUT_2
ADC Input Channel 2
(2)(3)(7)
I
tri-state
32
ADC_INPUT_1
ADC Input Channel 1
(2)(3)(7)
I
tri-state
33
BAT
ADC Input Channel 0, used for battery level
measurement. This pin equals VCC/3.
(2)(3)(7)
I
tri-state
34
A_VREF
Input/Output reference voltage for ADC
I/O
tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com