Electronic Components Datasheet Search
  English  ▼

X  

DOC8228 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 13Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 14Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 15Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Specifications
ZigBit™ 2.4 GHz Amplified Wireless Modules
3-9
8228B–MCU Wireless–06/09
3.2
Physical/Environmental Characteristics and Outline
Note:
1. Minor degration of clock stability may occur.
Figure 3-1.
ATZB-A24-UFL/U0 Mechanical drawing
I2C Maximum Clock
222
kHz
GPIO Output Voltage (High/Low)
-10/ 5 mA
2.3/ 0.5
V
Real Time Oscillator Frequency
32.768
kHz
Table 3-5. Module Interfaces characteristics
Parameters
Condition
Range
Unit
Parameters
Value
Comments
Size
38.0 x 13.5 x 2.0 mm
ATZB-A24-UFL/U0
Operating Temperature Range
-20
°C to +70°C-40°C to +85°C operational(1)
Operating Relative Humidity Range
no more than 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com