Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9523 Datasheet HTML 51Page - Analog Devices AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices AD9523 Datasheet HTML 56Page - Analog Devices AD9523 Datasheet HTML 57Page - Analog Devices AD9523 Datasheet HTML 58Page - Analog Devices AD9523 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Data Sheet
AD9523
Rev. C | Page 55 of 60
Table 56. Power-Down Control
Address
Bits
Bit Name
Description
0x233
[7:3]
Reserved
Reserved.
2
PLL1 power-down
1: power-down (default).
0: normal operation.
1
PLL2 power-down
1: power-down (default).
0: normal operation.
0
Distribution power-
down
Powers down the distribution.
1: power-down (default).
0: normal operation.
Table 57. Update All Registers
Address
Bits
Bit Name
Description
0x234
[7:1]
Reserved
Reserved.
0
IO_Update
This bit must be set to 1 to transfer the contents of the buffer registers into the active registers,
which happens on the next SCLK rising edge. This bit is self-clearing; that is, it does not have
to be set back to 0.
1 (self-clearing): update all active registers to the contents of the buffer registers.
EEPROM Buffer (Address 0xA00 to Address 0xA16)
Table 58. EEPROM Buffer Segment
Address
Bits
Bit Name
Description
0xA00
to
0xA16
[7:0]
EEPROM Buffer
Segment Register 1 to
EEPROM Buffer
Segment Register 23
The EEPROM buffer segment section stores the starting address and number of bytes that are
to be stored and read back to and from the EEPROM. Because the register space is noncontiguous,
the EEPROM controller needs to know the starting address and number of bytes in the register
space to store and retrieve from the EEPROM. In addition, there are special instructions for the
EEPROM controller: operational codes (that is, IO_Update and end-of-data) that are also
stored in the EEPROM buffer segment. The on-chip default setting of the EEPROM buffer
segment registers is designed such that all registers are transferred to/from the EEPROM, and
an IO_Update is issued after the transfer (see the Programming the EEPROM Buffer Segment
section).
EEPROM Control (Address 0xB00 to Address 0xB03)
Table 59. Status_EEPROM
Address
Bits
Bit Name
Description
0xB00
[7:1]
Reserved
Reserved.
0
Status_EEPROM
(read only)
This read-only bit indicates the status of the data transferred between the EEPROM and the
buffer register bank during the writing and reading of the EEPROM. This signal is also
available at the STATUS0 pin when Register 0x232, Bit 4 is set.
0: data transfer is complete.
1: data transfer is not complete.
Table 60. EEPROM Error Checking Readback
Address
Bits
Bit Name
Description
0xB01
[7:1]
Reserved
Reserved.
0
EEPROM data error
(read only)
This read-only bit indicates an error during the data transfer between the EEPROM and the
buffer.
0: no error; data is correct.
1: incorrect data detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com