Electronic Components Datasheet Search
  English  ▼

X  

LT1956IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1956IGN
Description  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN Datasheet(HTML) 1 Page - Linear Technology

  LT1956IGN Datasheet HTML 1Page - Linear Technology LT1956IGN Datasheet HTML 2Page - Linear Technology LT1956IGN Datasheet HTML 3Page - Linear Technology LT1956IGN Datasheet HTML 4Page - Linear Technology LT1956IGN Datasheet HTML 5Page - Linear Technology LT1956IGN Datasheet HTML 6Page - Linear Technology LT1956IGN Datasheet HTML 7Page - Linear Technology LT1956IGN Datasheet HTML 8Page - Linear Technology LT1956IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT1956/LT1956-5
1956f
High Voltage, 1.5A,
500kHz Step-Down
Switching Regulators
s
Wide Input Range: 5.5V to 60V
s
1.5A Peak Switch Current
s
Small 16-Pin SSOP or Thermally Enhanced
TSSOP Package
s
Saturating Switch Design: 0.2
Ω
s
Peak Switch Current Maintained Over
Full Duty Cycle Range
s
Constant 500kHz Switching Frequency
s
Effective Supply Current: 2.5mA
s
Shutdown Current: 25
µA
s
1.2V Feedback Reference (LT1956)
s
5V Fixed Output (LT1956-5)
s
Easily Synchronizable
s
Cycle-by-Cycle Current Limiting
The LT
®1956/LT1956-5 are 500kHz monolithic buck
switching regulators with an input voltage capability up to
60V. A high efficiency 1.5A, 0.2
Ω switch is included on the
die along with all the necessary oscillator, control and logic
circuitry. A current mode architecture provides fast tran-
sient response and good loop stability.
Special design techniques and a new high voltage process
achieve high efficiency over a wide input range. Efficiency
is maintained over a wide output current range by using the
output to bias the circuitry and by utilizing a supply boost
capacitor to saturate the power switch. Patented circuitry
maintains peak switch current over the full duty cycle
range*. A shutdown pin reduces supply current to 25
µAand
the device can be externally synchronized from 580kHz to
700kHz with a logic level input.
The LT1956/LT1956-5 are available in fused-lead 16-pin
SSOP and thermally enhanced TSSOP packages.
s
High Voltage, Industrial and Automotive
s
Portable Computers
s
Battery-Powered Systems
s
Battery Chargers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V Buck Converter
Efficiency vs Load Current
BOOST
VIN
6
2
10
12
10MQ060N
VOUT
5V
1A
4
15
14
11
220pF
4700pF
†UNITED CHEMI-CON THCS50EZA225ZT
1, 8, 9, 16
LT1956-5
SHDN
SYNC
SW
BIAS
FB
VC
GND
0.1
µF
22
µF
6.3V
CERAMIC
10
µH
MMSD914TI
1956 TA01
2.2
µF†
100V
CERAMIC
VIN
12V
(TRANSIENTS
TO 60V)
4.7k
LOAD CURRENT (A)
0
80
90
100
1.00
1956 TA02
70
60
50
0.25
0.50
0.75
1.25
VOUT = 5V
VOUT = 3.3V
VIN = 12V
L = 18
µH
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
*U.S. PATENT NO. 6,498,466


Similar Part No. - LT1956IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956IGN LINER-LT1956IGN Datasheet
288Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down
LT1956IGN-5 LINER-LT1956IGN-5 Datasheet
288Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down
More results

Similar Description - LT1956IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1956EGN LINER-LT1956EGN Datasheet
288Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com