| Electronic Components Datasheet Search |
|
LT1956IGN Datasheet(PDF) 20 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1956IGN Datasheet(HTML) 20 Page - Linear Technology |
|
20 / 28 page ![]() 20 LT1956/LT1956-5 1956f APPLICATIO S I FOR ATIO Note: Some of the internal power dissipation in the IC, due to BOOST pin voltage, can be transferred outside of the IC to reduce junction temperature by increasing the voltage drop in the path of the boost diode D2 (see Figure 9). This reduction of junction temperature inside the IC will allow higher ambient temperature operation for a given set of conditions. BOOST pin circuitry dissipates power given by: P VI V V DISS OUT SW C IN (BOOST Pin) = () •/ • 36 2 Typically, VC2 (the boost voltage across the capacitor C2) equals VOUT. This is because diodes D1 and D2 can be considered almost equal, where: VC2 = VOUT – VF(D2) – [–VF(D1)] = VOUT. Hence, the equation for boost circuitry power dissipation given in the previous Thermal Calculations section, is stated as: P VI V V DISS BOOST OUT SW OUT IN () •/ • = () 36 Here it can be seen that boost power dissipation increases as the square of VOUT. It is possible, however, to reduce VC2 below VOUT to save power dissipation by increasing the voltage drop in the path of D2. Care should be taken that VC2 does not fall below the minimum 3.3V boost voltage required for full saturation of the internal power switch. For output voltages of 5V, VC2 is approximately 5V. During switch turn on, VC2 will fall as the boost capacitor C2 is discharged by the BOOST pin. In the previous BOOST Pin section, the value of C2 was designed for a 0.7V droop in VC2 (= VDROOP). Hence, an output voltage as low as 4V would still allow the minimum 3.3V for the boost function using the C2 capacitor calculated. If a target output voltage of 12V is required, however, an excess of 8V is placed across the boost capacitor which is not required for the boost function but still dissipates additional power. What is required is a voltage drop in the path of D2 to achieve minimal power dissipation while still maintaining minimum boost voltage across C2. A zener, D4, placed in series with D2 (see Figure 9), drops voltage to C2. Example: The BOOST pin power dissipation for a 20V input to 12V output conversion at 1A is given by: PW BOOST = () = 12 1 36 12 20 02 •/ • . If a 7V zener is placed in series with D2, then power dissipation becomes: PW BOOST = () = 12 1 36 5 20 0 084 •/ • . For an FE package with thermal resistance of 45 °C/W, ambient temperature savings would be: T (ambient) savings = 0.116W • 45 °C/W = 5°C For a GN package with thermal resistance of 85 °C/W, ambient temperature savings would be: T (ambient) savings = 0.116W • 85 °C/W = 10°C The 7V zener should be sized for excess of 0.116W operation. The tolerances of the zener should be consid- ered to ensure minimum VBOOST exceeds 3.3V + VDROOP. BOOST VIN D1 R1 VOUT CF CC LT1956 SHDN SYNC SW BIAS FB VC GND C2 C1 L1 D2 RC R2 1956 F09 C3 VIN D2 D4 + Figure 9. BOOST Pin, Diode Selection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |