| Electronic Components Datasheet Search |
|
LT1956IGN Datasheet(PDF) 28 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1956IGN Datasheet(HTML) 28 Page - Linear Technology |
|
28 / 28 page ![]() 28 LT1956/LT1956-5 1956f LT/TP 0303 2K • PRINTED IN USA ©LINEAR TECHNOLOGY CORPORATION 2001 RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LT1074/LT1076/ Step-Down Switching Regulators Up to 64V Input, 100kHz, 5A and 2A LT1076HV LT1082 1A High Voltage/Efficiency Switching Voltage Regulator Up to 75V Input, 60kHz Operation LT1370 High Efficiency DC/DC Converter Up to 42V, 6A, 500kHz Switch LT1371 High Efficiency DC/DC Converter Up to 35V, 3A, 500kHz Switch LT1375/LT1376 1.5A, 500kHz Step-Down Switching Regulators Operation Up to 25V Input, Synchronizable (LT1375), N8, S8, S16 LT1616 600mA, 1.4MHz Step-Down Switching Regulator 3.6V to 25V VIN, 6-Lead ThinSOT TM LT1676 Wide Input Range, High Efficiency, Step-Down Switching Regulator 7.4V to 60V VIN, 100kHz Operation, 700mA Internal Switch, S8 LT1765 Monolithic 3A, 1.25MHz Step-Down Regulator VIN: 3V to 25V; VREF = 1.2V; S8, TSSOP-16E Exposed Pad LT1766 Wide Input Range, High Efficiency, Step-Down Switching Regulator 5.5V to 60V Input, 200kHz Operation, 1.5A Internal Switch, TSSOP-16E LT1767 Monolithic 1.5A, 1.25MHz Step-Down Regulator VIN: 3V to 25V; VREF = 1.2V; MS8 LT1776 Wide Input Range, High Efficiency, Step-Down Switching Regulator Up to 7.4V to 60V, 200kHz Operation, 700mA Internal Switch, TSSOP-16E LT1777 Low Noise Buck Regulator Operation Up to 48V, Controlled Voltage and Current Slew Rates, S16 ThinSOT is a trademark of Linear Technology Corporation. Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 q FAX: (408) 434-0507 q www.linear.com GN Package 16-Lead Plastic SSOP (Narrow .150 Inch) (Reference LTC DWG # 05-08-1641) GN16 (SSOP) 0502 12 3 4 5 6 7 8 .229 – .244 (5.817 – 6.198) .150 – .157** (3.810 – 3.988) 16 15 14 13 .189 – .196* (4.801 – 4.978) 12 11 10 9 .016 – .050 (0.406 – 1.270) .015 ± .004 (0.38 ± 0.10) × 45° 0 ° – 8° TYP .007 – .0098 (0.178 – 0.249) .053 – .068 (1.351 – 1.727) .008 – .012 (0.203 – 0.305) .004 – .0098 (0.102 – 0.249) .0250 (0.635) BSC .009 (0.229) REF .254 MIN RECOMMENDED SOLDER PAD LAYOUT .150 – .165 .0250 TYP .0165 ±.0015 .045 ±.005 *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE INCHES (MILLIMETERS) NOTE: 1. CONTROLLING DIMENSION: INCHES 2. DIMENSIONS ARE IN 3. DRAWING NOT TO SCALE PACKAGE DESCRIPTIO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |