Electronic Components Datasheet Search
  English  ▼

X  

LT1956IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LT1956IGN
Description  High Voltage, 1.5A, 500kHz Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1956IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1956IGN Datasheet HTML 13Page - Linear Technology LT1956IGN Datasheet HTML 14Page - Linear Technology LT1956IGN Datasheet HTML 15Page - Linear Technology LT1956IGN Datasheet HTML 16Page - Linear Technology LT1956IGN Datasheet HTML 17Page - Linear Technology LT1956IGN Datasheet HTML 18Page - Linear Technology LT1956IGN Datasheet HTML 19Page - Linear Technology LT1956IGN Datasheet HTML 20Page - Linear Technology LT1956IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LT1956/LT1956-5
1956f
APPLICATIO S I FOR ATIO
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
electrical, thermal and noise performance. For maximum
efficiency, switch rise and fall times are typically in the
nanosecond range. To prevent noise both radiated and
conducted, the high speed switching current path, shown
in Figure 5, must be kept as short as possible. This is
implemented in the suggested layout of Figure 6. Shorten-
ing this path will also reduce the parasitic trace inductance
of approximately 25nH/inch. At switch off, this parasitic
inductance produces a flyback spike across the LT1956
switch. When operating at higher currents and input
voltages, with poor layout, this spike can generate volt-
ages across the LT1956 that may exceed its absolute
maximum rating. A ground plane should always be used
under the switcher circuitry to prevent interplane coupling
and overall noise.
The VC and FB components should be kept as far away as
possible from the switch and boost nodes. The LT1956
pinout has been designed to aid in this. The ground for
these components should be separated from the switch
current path. Failure to do so will result in poor stability or
subharmonic like oscillation.
Figure 6. Suggested Layout
GND
GND
SHDN
SYNC
GND
BOOST
VIN
SW
PLACE FEEDTHROUGH AROUND
GROUND PINS (4 CORNERS) FOR
GOOD THERMAL CONDUCTIVITY
LT1956
C3
C1
D1
C2
D2
R2
R1
1956 F06
CFB
CF
RC
CC
L1
MINIMIZE LT1956
C3-D1 LOOP
GND
GND
BIAS
FB
VC
CONNECT TO
GROUND PLANE
KELVIN SENSE
VOUT
KEEP FB AND VC COMPONENTS
AWAY FROM HIGH FREQUENCY,
HIGH CURRENT COMPONENTS
GND
VOUT
VIN
FOR THE FE PACKAGE,
SOLDER THE EXPOSED
PAD TO THE COPPER
GROUND PLANE
UNDERNEATH THE DEVICE
1956 F05
5V
L1
VIN
LT1956
D1
C1
C3
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD
Figure 5. High Speed Switching Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com