Electronic Components Datasheet Search
  English  ▼

X  

TPS75003 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS75003 Datasheet HTML 9Page - Texas Instruments TPS75003 Datasheet HTML 10Page - Texas Instruments TPS75003 Datasheet HTML 11Page - Texas Instruments TPS75003 Datasheet HTML 12Page - Texas Instruments TPS75003 Datasheet HTML 13Page - Texas Instruments TPS75003 Datasheet HTML 14Page - Texas Instruments TPS75003 Datasheet HTML 15Page - Texas Instruments TPS75003 Datasheet HTML 16Page - Texas Instruments TPS75003 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
0.1
µF
R
D
Q
L
f = measured resonant
frequency at switch node
R = 2
πfL
TPS75003
www.ti.com
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
Table 4. Capacitors Tested with the TPS75003
PART NUMBER
MANUFACTURER
CAPACITANCE
ESR
VOLTAGE RATING
6TPB47M (PosCap)
Sanyo
47mF
0.1
Ω
6.3V
T491D476M010AS
Kemet
47mF
0.8
Ω
10V
B45197A
Epco
47mF
0.175
Ω
16V
B45294
−R1107−M40
Epco
100mF
0.045
Ω
6.3V
594D476X0016C2
Vishay
47mF
0.11
Ω
16V
594D127X96R3C2
Vishay
120mF
0.085
Ω
6.3V
TPSC107K006R0150
AVX
100mF
0.15
Ω
6.3V
6TPS100MC
Sanyo
100mF
0.45
Ω
6.3V
OPERATION (BUCK CONTROLLERS)
Channels 1 and 2 contain two identical non-synchronous buck controllers that use minimum on-time/minimum
off-time hysteretic control. (Refer to Figure 1.) For clarity, BUCK1 is used throughout the discussion of device
operation. When VOUT1 is below its target, an external PMOS (Q1) is turned on for at least the minimum on-time,
increasing current through the inductor (L1) until VOUT1 reaches its target value or the current limit (set by R1) is
reached. Once either of these conditions is met, the PMOS is switched off for at least the minimum off-time of
the device. After the minimum off-time has passed, the output voltage is monitored and the switch is turned on
again when necessary.
When output current is low, the buck controllers operate in discontinuous mode. In this mode, each switching
cycle begins at zero inductor current, rises to a maximum value, then falls back to zero current. When current
reaches zero on the falling edge, ringing occurs at the resonant frequency of the inductor and stray switch node
capacitance. This operation is normal; it does not affect circuit performance, and can be minimized if desired by
using an RC snubber and/or a resistor in series with the gate of the PMOS, as shown in Figure 22.
Figure 22. RC Snubber and Series Gate Resistor Used to Minimize Ringing
At higher output currents, the TPS75003 operates in continuous mode. In continuous mode, there is no ringing at
the switch node and VOUT is equal to VIN times the duty cycle of the switching waveform.
When VIN approaches or falls below VOUT, the buck controllers operate in 100% duty cycle mode, fully turning on
the external PMOS to allow regulation at lower dropout than would otherwise be possible.
Enable (Buck Controllers)
The enable pins (EN1 and EN2) for the buck controllers are active high. When the enable pin is driven low and
input voltage is present at IN1 or IN2, an on-chip FET is turned on to discharge the soft-start pin SS1 or SS2,
respectively. If the soft-start feature is being used, enable should be driven high at least 10ms after VIN is applied
to ensure this discharge cycle occurs.
UVLO (Buck Controllers)
An under-voltage lockout circuit is present to prevent turning on the external PMOS (Q1 or Q2) until a reliable
operating voltage is reached on the appropriate regulator (IN1 or IN2). This prevents the buck controllers from
mis-operation at low input voltages.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS75003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com