Electronic Components Datasheet Search
  English  ▼

X  

TPS75003 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003 Datasheet(HTML) 3 Page - Texas Instruments

  TPS75003 Datasheet HTML 1Page - Texas Instruments TPS75003 Datasheet HTML 2Page - Texas Instruments TPS75003 Datasheet HTML 3Page - Texas Instruments TPS75003 Datasheet HTML 4Page - Texas Instruments TPS75003 Datasheet HTML 5Page - Texas Instruments TPS75003 Datasheet HTML 6Page - Texas Instruments TPS75003 Datasheet HTML 7Page - Texas Instruments TPS75003 Datasheet HTML 8Page - Texas Instruments TPS75003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS75003
www.ti.com
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS
VEN1 = VIN1, VEN2 = VIN2, VEN3 = VIN3, VIN1 = VIN2 = 2.2V, VIN3 = 3.0V, VOUT3 = 2.5V, COUT1 = COUT2 = 47mF, COUT3 = 2.2mF,
TA = –40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply and Logic
Input Voltage Range
VINX
2.2
6.5
V
(IN1, IN2, IN3)(1)
Quiescent Current, IQ = IDGND +
IQ
IOUT1 = IOUT2 = 0mA, IOUT3 = 1mA
75
150
mA
IAGND
ISHDN
Shutdown Supply Current
VEN1 = VEN2 = VEN3 = 0V
0.05
3.0
mA
Enable High, enabled
VIH1, 2
1.4
VINX
V
(EN1, EN2)
VIH3
Enable High, enabled (EN3)
1.14
VIN3
V
Enable Low, shutdown
VILX
0
0.3
V
(EN1, EN2, EN3)
Enable pin current
IENX
0.01
0.5
mA
(EN1, EN2, EN3)
Buck Controllers 1 and 2
Adjustable Output Voltage
VOUT1,2
VFBX
VINX
V
Range(2)
VFB1,2
Feedback Voltage (FB1, FB2)
1.220
V
Feedback Voltage Accuracy(1)
–2
+2
%
(FB1, FB2)
IFB1,2
Current into FB1, FB2 pins
0.01
0.5
mA
Reference Voltage for Current
VIS1,2
80
100
120
mV
Sense
IIS1,2
Current into IS1, IS2 Pins
0.01
0.5
mA
Measured with the circuit in Figure 1,
ΔVOUT%/ΔVIN Line Regulation
(1)
0.1
% / V
VOUT + 0.5V ≤ VIN ≤ 6.5V
ΔVOUT%/ΔIOU
Measured with the circuit in Figure 1,
Load Regulation
0.6
% / A
T
30mA
≤ I OUT ≤ 2A
Measured with the circuit in Figure 1,
n 1,2
Efficiency(3)
94
%
IOUT = 1A
Measured with the circuit in Figure 1,
tSTR1,2
Startup Time(3)
5
ms
RL = 6Ω, COUT = 100mF, CSS = 2.2nF
Gate Driver P-Channel and
VIN1,2 > 2.5V
4
RDS,ON1,2
N-Channel MOSFET
Ω
VIN1,2 = 2.2V
6
On-Resistance
Gate Driver P-Channel and
ISW1,2
N-Channel MOSFET Drive
100
mA
Current
tON
Minimum On Time
1.36
1.55
1.84
ms
tOFF
Minimum Off Time
0.44
0.65
0.86
ms
(1)
To be in regulation, minimum VIN1 (or VIN2) must be greater than VOUT1,NOM (or VOUT2,NOM) by an amount determined by external
components. Minimum VIN3 = VOUT3 + VDO or 2.2V, whichever is greater.
(2)
Maximum VOUT depends on external components and will be less than VIN.
(3)
Depends on external components.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS75003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com