Electronic Components Datasheet Search
  English  ▼

X  

TPS75003 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS75003 Datasheet HTML 13Page - Texas Instruments TPS75003 Datasheet HTML 14Page - Texas Instruments TPS75003 Datasheet HTML 15Page - Texas Instruments TPS75003 Datasheet HTML 16Page - Texas Instruments TPS75003 Datasheet HTML 17Page - Texas Instruments TPS75003 Datasheet HTML 18Page - Texas Instruments TPS75003 Datasheet HTML 19Page - Texas Instruments TPS75003 Datasheet HTML 20Page - Texas Instruments TPS75003 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
I
(diode)(RMS) [ IOUT(1*D) + IOUT
1*
V
OUT
V
IN
DVPP + DI
ESR)
1
8
C
OUT
f
[ 1.1DI
ESR
C
OUT +
L
DIOUT
2
V
IN
*VOUT
DV
TPS75003
www.ti.com
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
Diode Selection (Buck Controllers)
The diode is off when the PMOS is on, and on when the PMOS is off. Since it will be turned on and off at a
relatively high frequency, a Schottky diode is recommended for good performance. The peak current rating of the
diode should exceed the peak current limit set by the sense resistor RIS1,2. A diode with low reverse leakage
current and low forward voltage at operating current will optimize efficiency. Equation 10 calculates the estimated
average power dissipation:
(10)
Output Capacitor Selection (Buck Controllers)
The output capacitor is selected based on output voltage ripple and transient response requirements. As a result
of the nature of the hysteretic control loop, a minimum ESR of a few tens of m
Ω should be maintained for good
operation unless a feed-forward resistor is used. Low ESR bulk tantalum or PosCap capacitors work best in most
applications. A 1.0mF ceramic capacitor can be used in parallel with this capacitor to filter higher frequency
spikes. The output voltage ripple can be estimated by Equation 11:
(11)
To calculate the capacitance needed to achieve a given voltage ripple as a result of a load transient from zero
output to full current, use Equation 12:
(12)
If only ceramic or other very low ESR output capacitor configurations are desired, additional voltage ripple must
be passed to the feedback pin. See Application Note SLVA210, Using Ceramic Output Capacitors with the
TPS6420x and TPS75003 Buck Controllers, available for download at www.ti.com, for detailed application
information.
Output Voltage Ripple Effect on VOUT (Buck Controllers)
Output voltage ripple causes VOUT to be higher or lower than the target value by half of the peak-to-peak voltage
ripple. For minimum on-time, the ripple adds to the voltage; for minimum off-time, it subtracts from the voltage.
Soft-Start Capacitor Selection (Buck Controllers)
The soft-start for BUCK1 and BUCK2 is not intended to be a precision function. However, the startup time (from
a positive transition on Enable to VOUT reaching its final value) has a linear relationship to CSS up to
approximately 800pF, which results in a startup time of approximately 4ms. Above this value of CSS, the variation
in start-up time increases rapidly. This variation can occur from unit to unit and even between the two BUCK
controllers in one device. Therefore, do not depend on the soft-start feature for sequencing multiple supplies if
values of CSS greater than 800pF are used.
BUCK1 is discussed in this section; it is identical to BUCK2. Soft-start is implemented on the buck controllers by
ramping current limit from 0 to its target value (set by R1) over a user-defined time. This time is set by the
external soft-start cap connected to pin SS1. If SS1 is left open, a small on-chip capacitor will provide a current
limit ramp time of approximately 250ms. Figure 25 shows the effects of R1 and SS1 on the current limit start-up
ramp.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS75003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com