Electronic Components Datasheet Search
  English  ▼

X  

TPS75003 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75003
Description  Triple-Supply Power Management IC for Powering FPGAs and DSPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75003 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75003 Datasheet HTML 1Page - Texas Instruments TPS75003 Datasheet HTML 2Page - Texas Instruments TPS75003 Datasheet HTML 3Page - Texas Instruments TPS75003 Datasheet HTML 4Page - Texas Instruments TPS75003 Datasheet HTML 5Page - Texas Instruments TPS75003 Datasheet HTML 6Page - Texas Instruments TPS75003 Datasheet HTML 7Page - Texas Instruments TPS75003 Datasheet HTML 8Page - Texas Instruments TPS75003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS75003
SBVS052I – OCTOBER 2004 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
Buck1: Adjustable
TPS75003
Buck2: Adjustable
LDO: Adjustable
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this document, or
see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
TPS75003
UNIT
VINX range (IN1, IN2, IN3)
–0.3 to +7.0
V
VENX range (EN1, EN2, EN3)
–0.3 to VINX +0.3
V
VSWX range (SW1, SW2, SW3)
–0.3 to VINX +0.3
V
VISX range (IS1, IS2, IS3)
–0.3 to VINX +0.3
V
VOUT3 range
–0.3 to +7.0
V
VSSX range (SS1, SS2, SS3)
–0.3 to VINX +0.3
V
VFBX range (FB1, FB2, FB3)
–0.3 to +3.3
V
Peak LDO output current (IOUT3)
Internally limited
—
Continuous total power dissipation
See Dissipation Ratings Table
—
Junction temperature range, TJ
–55 to +150
°C
Storage temperature range
–65 to +150
°C
ESD rating, HBM
1
kV
ESD rating, CDM
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS75003
THERMAL METRIC(1)(2)
UNITS
RHL (20 PINS)
qJA
Junction-to-ambient thermal resistance
42.6
qJCtop
Junction-to-case (top) thermal resistance
51.8
qJB
Junction-to-board thermal resistance
39.5
°C/W
yJT
Junction-to-top characterization parameter
0.6
yJB
Junction-to-board characterization parameter
14.2
qJCbot
Junction-to-case (bottom) thermal resistance
2.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS75003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com