Electronic Components Datasheet Search
  English  ▼

X  

3652 Datasheet(PDF) 5 Page - Texas Instruments

Part # 3652
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3652 Datasheet(HTML) 5 Page - Texas Instruments

  3652 Datasheet HTML 1Page - Texas Instruments 3652 Datasheet HTML 2Page - Texas Instruments 3652 Datasheet HTML 3Page - Texas Instruments 3652 Datasheet HTML 4Page - Texas Instruments 3652 Datasheet HTML 5Page - Texas Instruments 3652 Datasheet HTML 6Page - Texas Instruments 3652 Datasheet HTML 7Page - Texas Instruments 3652 Datasheet HTML 8Page - Texas Instruments 3652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
3650/52
OUTPUT VOLTAGE AND GAIN ERROR vs TIME
Time of Operation (Hours)
8
100
100K
14
12
10
1k
10k
0
0.5
0.1
0.05
70°C
70°C
25°C
Gain Error
Change
140
120
100
80
60
1
10
100
1000
Gain
3652 COMMON-MODE AND
ISOLATION-MODE REJECTION vs GAIN
Isolation-mode Rejection
Common-mode Rejection
DC
at
I or
I R
pins
60Hz at I pins
60Hz at I
R pins
60Hz at I
R pins
DC at I or I
R pins
60Hz at I pins
140
120
100
80
60
1
10
100
1000
Gain
3650 COMMON-MODE AND
ISOLATION-MODE REJECTION vs GAIN
Isolation-mode Rejection
Common-mode Rejection
DC
60Hz
60Hz
DC
OUTPUT VOLTAGE SWING
vs INPUT SUPPLY VOLTAGE
Input Supply Voltage (V)
0
520
15
10
5
10
15
Typ at 25°C
25°C
70°C
Guaranteed
Min at Output
Supply ±15V
PHASE SHIFT vs FREQUENCY
Frequency (kHz)
–200
0.3
0
–40
–80
–120
–160
30
13
10
Gain 1 to 100
TYPICAL PERFORMANCE CURVES (CONT)
Typical at +25
°C and ±15VDC power supplies, unless otherwise noted.
REJECTION vs FREQUENCY
Frequency (kHz)
40
0.1
140
120
100
80
60
0.3
1
3
10
30
IMR
CMR
Supply Voltage
Gain = 100
3650
+V
–V
3652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com