Electronic Components Datasheet Search
  English  ▼

X  

3652 Datasheet(PDF) 10 Page - Texas Instruments

Part # 3652
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3652 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 3652 Datasheet HTML 6Page - Texas Instruments 3652 Datasheet HTML 7Page - Texas Instruments 3652 Datasheet HTML 8Page - Texas Instruments 3652 Datasheet HTML 9Page - Texas Instruments 3652 Datasheet HTML 10Page - Texas Instruments 3652 Datasheet HTML 11Page - Texas Instruments 3652 Datasheet HTML 12Page - Texas Instruments 3652 Datasheet HTML 13Page - Texas Instruments 3652 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
®
3650/52
APPLICATIONS
Figure 8 shows a system where isolation amplifiers (3650)
are used to measure the armature current and the armature
voltage of a motor.
The armature current of the motor is converted to a voltage
by the calibrated shunt RS and then amplifier (adjustable
gain) and isolated by the 3650.
The armature voltage is sensed by the voltage divider (ad-
justable) shown and then amplified and isolated by the 3650.
The 3650 provides the advantage of accurate current mea-
surement in the presence of high common-mode voltage.
Both 3650s provide the advantage of isolating the motor
ground from the control system ground. Isolated power is
provided by an isolated DC/DC converter (BB Model 722 or
equivalent).
The 3652 is ideally suited for patient monitoring applica-
tions as shown in Figure 9. The fact that it is a true balanced
input instrumentation amplifier with very high differential
and common-mode impedance means that it can greatly
reduce the common-mode noise pick up due to imbalance in
lead impedances that often appear in patient monitoring
situations. The 3kV and 6kV shown in Figure 9 are the 10ms
pulse ratings of the +IR and –IR inputs for the common-mode
and differential input voltages with respect to input com-
mon. The rating of the isolation barrier is 2000Vpk continu-
FIGURE 8. Isolated Armature Current and Voltage Sensor.
P+
V–
+V
O
3650HG
11
10
12
20
4.99k
Ω
+V
CC
23
G = 1V/V
To
Voltage
Sense
C
–V
O
722
1.3k
Ω
E
V+
1M
Ω
4.99k
Ω
500
Ω
9.76k
Ω
14
13
17
26
–V
CC
O/P Com
+V
–V
I/O Com
3650JG
11
10
20
4.75k
Ω
23
4.99k
Ω
14
12
13
+V
–V
V
A/100
To
Current
Sense
17 O/P Com
100V
S
26
+V
CC
–V
CC
+15VDC
–15VDC
O/P Com
G = 100V/V
500
Ω
V
A
(500V)
V
S
(100mV)
R
S
V
OUT
+
–
+
–
V
CM
CMRR
IMRR
COMMON-MODE AND
ISOLATION-MODE REJECTION
The expression for the output error due to common-mode
and isolation mode voltage is:
VOUT = G
+
GUARDING AND PROTECTION
To preserve the excellent inherent isolation characteristics of
these amplifiers, the following recommended practice should
be noted.
1. Use shielded twisted pair of cable at the input as with
any instrumentation amplifier.
2. Care should be taken to minimize external capacitance.
A symmetrical layout of external components to achieve
balanced capacitance from the input terminals to output
common will preserve high IMR.
3.
External components and conductor patterns should be
at a distance equal to or greater than the distance
between the input and output terminals to prevent HV
breakdown.
4.
Though not an absolute requirement, the use of lamin-
ated or conformally coated printed circuit boards is
recommended.
V
ISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com