Electronic Components Datasheet Search
  English  ▼

X  

3652 Datasheet(PDF) 3 Page - Texas Instruments

Part # 3652
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3652 Datasheet(HTML) 3 Page - Texas Instruments

  3652 Datasheet HTML 1Page - Texas Instruments 3652 Datasheet HTML 2Page - Texas Instruments 3652 Datasheet HTML 3Page - Texas Instruments 3652 Datasheet HTML 4Page - Texas Instruments 3652 Datasheet HTML 5Page - Texas Instruments 3652 Datasheet HTML 6Page - Texas Instruments 3652 Datasheet HTML 7Page - Texas Instruments 3652 Datasheet HTML 8Page - Texas Instruments 3652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
3650/52
A
1
A
2
1.6M
Ω
1.6M
Ω
R
O
2
R
O
2
811
13
14
15
16
12
10
9
32
29
17
C
23
20
26
6
4
3
1
C
–
+
–V
+V
Bal
+V
CC
–V
CC
Bal
3652
13
14
15
16
10
32
29
17
C
23
20
26
C
–
+
–V
+V
Bal
+V
CC
–V
CC
Bal
3650
12
11
SPECIFICATIONS (CONT)
At +25
°C and ±15VDC supply voltages, unless otherwise specified.
PRODUCT
3650MG, HG(1)
3650JG
3650KG
3652MG, HG(1)
3652JG
OUTPUT STAGE
Output Voltage, min
±10V
±10V
Output Current, min
±5mA
±5mA
Output Offset Voltage
at 25
°C, max(3)
±25mV
±10mV
±10mV
±25mV
±10mV
vs Temperature, max
±900µV/°C
±450µV/°C
±300µV/°C
±900µV/°C
±450µV/°C
vs Supply
±500µV/V
±500µV/V
vs Time
±1mV/1000hrs
±1mV/1000hrs
Output Noise Voltage
0.05Hz to 100Hz
50
µVp-p
50
µVp-p
10Hz to 1kHz
65
µVrms
65
µVrms
Power Supply (Output Stage Only)
Voltage (“+VCC” and “–VCC”)
±8V to ±18V
Current
Quiescent
±2.3mA typ, ±6mA max
with
±5mA Output, max
±11mA
TEMPERATURE(9)
Specification
0
°c to +85°C
Operating
–40
°C to +100°C
Storage
–40
°C to +125°C
NOTES: (1) All electrical and mechanical specifications of the 3650MG and 3652MG are identical to the 3650HG and 3652HG, respectively, except that the following
specifications apply to the 3650MG and 3652MG: (a) Isolation test voltage duration increased from 10 seconds minimum to 60 seconds minimum; (b) Input offset voltage
at 25
°C, max: ±10mV; vs temperature max: ±100µV/°C; (c) Output offset voltage at 25°C, max; ±50mV; vs temperature max; ±1.8mV/°C. (2) If used as 3650, see
Installation and Operating Instructions. (3) Trimmable to zero. (4) Gain error terms specified for inputs applied through buffer amplifiers (i.e.,
±1 or ±I
R pins). (5) Input
stage specifications at +I and –I inputs for 3652 unless otherwise noted. (6) Maximum safe input current at either input is 10mA. (7) Continuous rating is 1/3 pulse rating.
(8) Load current is drawn from one supply lead at a time: other supply current at quiescent level. For 3652 add 0.2mA/V of positive CMV. (9) dT/dt
< 1°C/minute below
0
°C, and long-term storage above 100°C is not recommended. Also limit the repeated thermal cycles to be within the 0°C to +85°C temperature range.
PIN CONFIGURATIONS
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
3650
32-Pin DIP
77
3652
32-Pin DIP
77
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com