Electronic Components Datasheet Search
  English  ▼

X  

3652 Datasheet(PDF) 2 Page - Texas Instruments

Part # 3652
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

3652 Datasheet(HTML) 2 Page - Texas Instruments

  3652 Datasheet HTML 1Page - Texas Instruments 3652 Datasheet HTML 2Page - Texas Instruments 3652 Datasheet HTML 3Page - Texas Instruments 3652 Datasheet HTML 4Page - Texas Instruments 3652 Datasheet HTML 5Page - Texas Instruments 3652 Datasheet HTML 6Page - Texas Instruments 3652 Datasheet HTML 7Page - Texas Instruments 3652 Datasheet HTML 8Page - Texas Instruments 3652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
3650/52
SPECIFICATIONS
At +25
°C and ±15VDC supply voltages, unless otherwise specified.
106
106
R
G1 + RG2 + RIN
R
G1 + RG2 + RIN + RO
25
Ω
90
Ω ±30Ω
PRODUCT
3650MG, HG(1)
3650JG
3650KG
3652MG, HG(1)
3652JG
ISOLATION
Isolation Voltage
Rated Continuous, min
2000Vp or VDC
Tested Voltage, min, 10s Duration
5000Vp
Isolation Mode Rejection, G = 10
DC
140dB
60Hz, 5000
Ω Source Unbalance
120dB
Leakage Current, 240V/60Hz
0.35
µA, max
Isolation Impedance
Capacitance
1.8pF
Resistance
1012
Ω
GAIN
Gain Equation
for Current Sources
G1 = 106V/Amp
G1 = 1.0057 x 106V/Amp(2)
for Voltage Sources
GV1 =
V/V
V/V
Input Resistance, RIN, max
25
Ω
Buffer Output Impedance, RO
Not Applicable
Gain Equation Error, max(3)
1.5%
0.5%
0.5%
1.5%(4)
0.5%(4)
Gain Nonlinearity
±0.05% typ ±0.2% max ±0.03% typ ±0.1% max ±0.02% typ ±0.05% max ±0.05% typ ±0.2% max ±0.05% typ ±0.1% max
Gain vs Temperature
300ppm/
°C
100ppm/
°C
50ppm/
°C
300ppm/
°C
200ppm/
°C
Gain vs Time
±0.05%/1000hrs
±0.05%/1000hrs
Frequency Response
Slew Rate
0.7V/
µs min, 1.2V/µs typ
±3dB Frequency
15kHz
Settling Time
to
±0.01%
400
µs
to
±0.1%
200
µs
INPUT STAGE(5)
Input Offset Voltage
at 25
°C, max(3)
±5mV
±1mV
±0.5mV
±5mV
±2mV
vs Temperature, max
±25µV/°C
±10µV/°C
±5µV/°C
±50µV/°C
±25µV/°C
vs Supply
100
µV/V
100
µV/V
vs Time
50
µV/1000hrs
100
µV/1000hrs
Input Bias Current
at 25
°C
10nA typ, 40nA max
10pA typ, 50pA max
vs Temperature
0.3nA/
°C
Doubles Every +10
°C
vs Supply
0.2nA/V
1pA/V
Input Offset Current
10pA
vs Temperature
Effects Included
Doubles Every +10
°C
vs Supply
In Output Offset
1pA/V
Input Impedance
Differential
“RIN” = 25Ω max
1011
Ω
Common-Mode
109
Ω
1011
Ω
Input Noise
Voltage, 0.05Hz to 100Hz
4
µVp-p
8
µVp-p
10Hz to 10kHz
4
µVrms
5
µVrms
Input Voltage Range
Common-Mode, Linear Operation,
±(|V| –5)V
±(|V| –5)
w/o damage, at +, –
±V
±V
at +I, –I
Not Applicable(6)
±300V for 10ms(7)
at +IR, –IR
Not Applicable(6)
±3000V for 10ms(7)
Differential, w/o damage, at +, –
±V
±V
Differential, w/o damage, at +I, –I
Not Applicable
±600V for 10ms(7)
Differential, w/o damage,
at +IR, –IR
Not Applicable
±6000V for 10ms(7)
Common-Mode Rejection, 60Hz
90dB at 60Hz, 5k
Ω Imbalance
80dB at 60Hz, 5k
Ω Imbalance
Power Supply (Input Stage Only)
Voltage (at “+V” and “–V”)
±8V to ±18V
±8V to ±18V
Current
Quiescent
±1.2mA(8)
±3mA(8)
with
±10V Output(7)
+6.5mA or –6.5mA, typ
+8.5mA or –8.5mA, typ
+12mA or –12mA, max
+16mA, or –16mA, max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com