Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 4 Page - Texas Instruments

  LM5045 Datasheet HTML 1Page - Texas Instruments LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
HTSSOP
WQFN
Name
Description
Application Information
Pin
Pin
15
11
SSOFF
Soft-Stop Disable
When SS OFF pin is connected to the AGND, the LM5045 soft-
stops in the event of a VIN UVLO and Hiccup mode current limit
condition. If the SSOFF pin is connected to REF pin, the controller
hard-stops on any fault condition. Refer Table 1 for more details.
19
15
SR2
Synchronous Rectifier Driver
Control output for synchronous rectifier gate. Capable of peak
sourcing 100mA and sinking 400mA.
21
17
VCC
Output of Start-Up Regulator
The output voltage of the start-up regulator is initially regulated to
9.5V. Once the secondary side soft-start (SSSR pin) reaches 1V,
the VCC output is reduced to 7.7V. If an auxiliary winding raises the
voltage on this pin above the regulation set-point, the internal start-
up regulator will shutdown, thus reducing the IC power dissipation.
22
18
PGND
Power Ground
Connect directly to Analog Ground
23, 20
19, 16
LO1, LO2
Low Side Output Driver
Alternating output of the PWM gate driver. Capable of 1.5A peak
source and 2A peak sink current.
24
20
SR1
Synchronous Rectifier Driver
Control output for synchronous rectifier gate. Capable of peak
sourcing 100mA and sinking 400mA.
25, 18
21, 14
BST1,2
Gate Drive Bootstrap
Bootstrap capacitors connected between BST1,2 and SW1,2
provide bias supply for the high side HO1,2 gate drivers. External
diodes are required between VCC and BST1,2 to charge the
bootstrap capacitors when SW1,2 are low.
26, 17
22, 13
HO1,2
High Side Output Driver
High side PWM outputs capable of driving the upper MOSFET of
the bridge with 1.5A peak source and 2A peak sink current.
27, 16
23, 12
HS1,2
Switch Node
Common connection of the high side FET source, low side FET
drain and transformer primary winding.
28
24
VIN
Input Power Source
Input to the Start-up Regulator. Operating input range is 14V to
100V. For power sources outside of this range, the LM5045 can be
biased directly at VCC by an external regulator.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com