Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 12Page - Texas Instruments LM5045 Datasheet HTML 13Page - Texas Instruments LM5045 Datasheet HTML 14Page - Texas Instruments LM5045 Datasheet HTML 15Page - Texas Instruments LM5045 Datasheet HTML 16Page - Texas Instruments LM5045 Datasheet HTML 17Page - Texas Instruments LM5045 Datasheet HTML 18Page - Texas Instruments LM5045 Datasheet HTML 19Page - Texas Instruments LM5045 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
DMAX =
- (T1)
2
FOSC
)
(
1
FOSC
)
(
LM5045
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Soft-Start
The soft-start circuit allows the power converter to gradually reach a steady state operating point, thereby
reducing the start-up stresses and current surges. When bias is supplied to the LM5045, the SS capacitor is
discharged by an internal MOSFET. When the UVLO, VCC and REF pins reach their operating thresholds, the
SS capacitor is released and is charged with a 20µA current source. Once the SS pin voltage crosses the 1V
offset, SS controls the duty cycle. The PWM comparator is a three input device; it compares the RAMP signal
against the lower of the signals between the soft-start and the loop error signal. In a typical isolated application,
as the secondary bias is established, the error amplifier on the secondary side soft-starts and establishes closed-
loop control, steering the control away from the SS pin.
One method to shutdown the regulator is to ground the SS pin. This forces the internal PWM control signal to
ground, reducing the output duty cycle quickly to zero. Releasing the SS pin begins a soft-start cycle and normal
operation resumes. A second shutdown method is presented in the UVLO section.
Gate Driver Outputs
The LM5045 provides four gate drivers: two floating high side gate drivers HO1 and HO2 and two ground
referenced low side gate drivers LO1 and LO2. Each internal driver is capable of source 1.5A peak and sinking
2A peak. Initially, the diagonal HO1 and LO2 are turned-on together, followed by an off-time when all the four
gate driver outputs are off. In the subsequent phase the diagonal HO2 and LO1 are turned on together followed
by an off-time. The low-side gate drivers are powered directly by the VCC regulator. The HO1 and HO2 gate
drivers are powered from a bootstrap capacitor connected between BST1/BST2 and HS1/HS2 respectively. An
external diode connected between VCC (anode pin) and BST (cathode pin) provides the high side gate driver
power by charging the bootstrap capacitor from VCC when the corresponding switch node (HS1/HS2 pin) is low.
When the high side MOSFET is turned on, BST1 rises to a peak voltage equal to VCC + VHS1 where VHS1 is the
switch node voltage.
The BST and VCC capacitors should be placed close to the pins of the LM5045 to minimize voltage transients
due to parasitic inductances since the peak current sourced to the MOSFET gates can exceed 1.5A. The
recommended value of the BST capacitor is 0.1
μF or greater. A low ESR / ESL capacitor, such as a surface
mount ceramic, should be used to prevent voltage droop during the HO transitions.
If the COMP pin is open circuit, the outputs will operate at maximum duty cycle. The maximum duty cycle for
each phase is limited by the dead-time set by the RD1 resistor. If the RD1 resistor is set to zero then the
maximum duty cycle is slightly less than 50% due to the internally fixed dead-time. The internally fixed dead-time
is 30ns which does not vary with the operating frequency. The maximum duty cycle for each output can be
calculated from the following equation:
where
•
T1 is the time set by the RD1 resistor
•
FOSC is the frequency of the oscillator
(2)
For example, if the oscillator frequency is set at 400 kHz and the T1 time set by the RD1 resistor is 60ns, the
resulting DMAX will be equal to 0.488.
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com