Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments LM5045 Datasheet HTML 10Page - Texas Instruments LM5045 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard typeface are for TJ = 25°C only; limits in boldface type apply the junction temperature range of -40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 48V, RT = 25k
Ω, RD1=RD2=20kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP=0V, UVLO=2.5V, OVP=0V, SSOFF=0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator (RT Pin)
FSW1
Frequency (LO1, half oscillator
RT = 25 kΩ
185
200
215
kHz
frequency)
FSW2
Frequency (LO1, half oscillator
RT = 10 kΩ
420
480
540
kHz
frequency)
DC level
2.0
V
RT sync threshold
2.8
3
3.3
V
Synchronous Rectifier Timing Control (RD1 & RD2 Pins)
T1
SR trailing edge delay
RD1=20 kΩ
45
65
90
ns
SR turn-off to HO&LO both on
RD1=100 kΩ
232
300
388
ns
T2
SR leading edge
RD2=20 kΩ
43
65
90
ns
HO or LO turn-off to SR turn-on
RD2=100 kΩ
227
300
384
ns
Comp Pin
VPWM-OS
COMP current to RAMP offset
VRAMP=0V
680
800
940
µA
VSS-OS
SS to RAMP offset
VRAMP=0V
0.78
1.0
1.22
V
COMP current to RAMP gain
ΔRAMP/ΔICOMP
2400
Ω
SS to RAMP gain
ΔSS/ΔRAMP
0.5
COMP current for SSSR charge
VSS > 2V
690
800
915
µA
current enable
COMP to output delay
120
ns
Minimum duty cycle
ICOMP = 1mA
0
%
Slope Compensation (SLOPE Pin)
ISLOPE
Slope compensation current ramp
Peak of RAMP current
100
µA
BOOST (BST Pin)
VBst uv
BST under-voltage threshold
VBST-VHS rising
3.8
4.7
5.6
V
Hysteresis
0.5
V
HO1, HO2, LO1, LO2 Gate Drivers
VOL
Low-state output voltage
IHO/LO = 100mA
0.16
0.32
V
VOH
High-state output voltage
IHO/LO = 100mA
0.27
0.495
V
VOHL = VCC-VLO
VOHH = VBST-VHO
Rise Time
C-load = 1000pF
16
ns
Fall Time
C-load = 1000pF
11
ns
IOHL
Peak Source Current
VHO/LO = 0V
1.5
-
A
IOLL
Peak Sink Current
VHO/LO = VCC
2
-
A
SR1, SR2 Gate Drivers
VOL
Low-state output voltage
ISR1/SR2 = 10mA
0.05
0.1
V
VOH
High-state output voltage
ISR1/SR2 = 10mA,
0.17
0.28
V
VOH = VREF-VSR
Rise Time
C-load = 1000pF
60
ns
Fall Time
C-load = 1000pF
20
ns
IOHL
Peak Source Current
VSR = 0V
0.1
-
A
IOLL
Peak Sink Current
VSR = VREF
0.4
-
A
Thermal
TSD
Thermal Shutdown Temp
160
°C
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com