Electronic Components Datasheet Search
  English  ▼

X  

LM5045 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 3 Page - Texas Instruments

  LM5045 Datasheet HTML 1Page - Texas Instruments LM5045 Datasheet HTML 2Page - Texas Instruments LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
PIN DESCRIPTIONS
HTSSOP
WQFN
Name
Description
Application Information
Pin
Pin
1
25
UVLO
Line Under-Voltage Lockout
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO reaches the
0.4V threshold the VCC and REF regulators are enabled. At the
1.25V threshold, the SS pin is released and the controller enters the
active mode. Hysteresis is set by an internal current sink that pulls
20µA from the external resistor divider.
2
26
OVP/OTP
Over Voltage Protection
An external voltage divider from the input power supply sets the
shutdown level during an over-voltage condition. Alternatively, an
external NTC thermistor voltage divider can be used to set the
shutdown temperature. The threshold is 1.25V. Hysteresis is set by
an internal current that sources 20 µA of current into the external
resistor divider.
3
27
RAMP
Input to PWM Comparator
Modulation ramp for the PWM comparator. This ramp can be a
signal representative of the primary current (current mode) or
proportional to the input voltage (feed-forward voltage mode). This
pin is reset to GND at the end of every cycle.
4
28
CS
Current Sense Input
If CS exceeds 750mV the PWM output pulse will be terminated,
entering cycle-by-cycle current limit. An internal switch holds CS low
for 40nS after either output switches high to blank leading edge
transients.
5
1
SLOPE
Slope Compensation Current
A ramping current source from 0 to 100µA is provided for slope
compensation in current mode control. This pin can be connected
through an appropriate resistor to the CS pin to provide slope
compensation. If slope compensation is not required, SLOPE must
be tied to ground.
6
2
COMP
Input to the Pulse Width Modulator
An external opto-coupler connected to the COMP pin sources
current into an internal NPN current mirror. The PWM duty cycle is
at maximum with zero input current, while 1mA reduces the duty
cycle to zero. The current mirror improves the frequency response
by reducing the AC voltage across the opto-coupler.
7
3
REF
Output of a 5V reference
Maximum output current is 15mA. Locally decouple with a 0.1µF
capacitor.
8
4
RT/SYNC
Oscillator Frequency Control and
The resistance connected between RT and AGND sets the
Frequency Synchronization
oscillator frequency. Synchronization is achieved by AC coupling a
pulse to the RT/SYNC pin that raises the voltage at least 1.5V
above the 2V nominal bias level.
9
5
AGND
Analog Ground
Connect directly to the Power Ground.
10
6
RD1
Synchronous Rectifier Leading
The resistance connected between RD1 and AGND sets the delay
Edge Delay
from the falling edge of SR1 or SR2 and the rising edge of
HO2/LO1 or HO1/LO2 respectively.
11
7
RD2
Synchronous Rectifier Trailing
The resistance connected between RD2 and AGND sets the delay
Edge Delay
from the falling edge of HO1/LO2 or HO2/LO1 and the rising edge
of SR2 or SR1 respectively.
12
8
RES
Restart Timer
Whenever the CS pin exceeds the 750mV cycle-cycle current limit
threshold, 30µA current is sourced into the RES capacitor for the
remainder of the PWM cycle. If the RES capacitor voltage reaches
1.0V, the SS capacitor is discharged to disable the HO1, HO2, LO1,
LO2 and SR1, SR2 outputs. The SS pin is held low until the voltage
on the RES capacitor has been ramped between 2V and 4V eight
times by 10µA charge and 5µA discharge currents. After the delay
sequence, the SS capacitor is released to initiate a normal start-up
sequence.
13
9
SS
Soft-Start Input
An internal 20µA current source charges the SS pin during start-up.
The input to the PWM comparator gradually rises as the SS
capacitor charges to steadily increase the PWM duty cycle. Pulling
the SS pin to a voltage below 200mV stops PWM pulses at HO1,2
and LO1,2 and turns off the synchronous rectifier FETs to a low
state.
14
10
SSSR
Secondary Side Soft-Start
An external capacitor and an internal 20µA current source set the
soft-start ramp for the synchronous rectifiers. The SSSR capacitor
charge-up is enabled after the first output pulse and SS>2V and
Icomp <800µA
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com