Electronic Components Datasheet Search
  English  ▼

X  

ADL5544 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5544
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5544 Datasheet HTML 2Page - Analog Devices ADL5544 Datasheet HTML 3Page - Analog Devices ADL5544 Datasheet HTML 4Page - Analog Devices ADL5544 Datasheet HTML 5Page - Analog Devices ADL5544 Datasheet HTML 6Page - Analog Devices ADL5544 Datasheet HTML 7Page - Analog Devices ADL5544 Datasheet HTML 8Page - Analog Devices ADL5544 Datasheet HTML 9Page - Analog Devices ADL5544 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5544
Data Sheet
Rev. 0 | Page 6 of 20
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
4700
−9.15961
179.4184
15.18857
−17.5037
−24.3599
−109.077
−8.00124
149.4702
4800
−8.81402
177.4327
15.08704
−21.4903
−24.4618
−111.079
−7.96813
149.7089
4900
−8.53104
175.2276
14.98061
−25.462
−24.5534
−113.068
−8.06461
149.4032
5000
−8.30896
172.6355
14.92996
−29.3613
−24.6449
−114.946
−8.27561
148.5568
5100
−8.09121
170.0194
14.84603
−33.2282
−24.7131
−116.819
−8.51734
146.6025
5200
−7.92674
167.1306
14.7721
−37.1236
−24.7652
−118.67
−8.77718
143.5944
5300
−7.79364
163.9153
14.72301
−41.0236
−24.8151
−120.546
−8.99346
139.518
5400
−7.6793
160.6589
14.64549
−45.0881
−24.8399
−122.534
−9.12197
134.7305
5500
−7.61523
156.9392
14.59131
−49.1815
−24.8628
−124.569
−9.17338
129.7103
5600
−7.60815
152.7976
14.53579
−53.2876
−24.8758
−126.604
−9.15423
124.593
5700
−7.54914
148.5617
14.47484
−57.5187
−24.8597
−128.793
−9.05211
119.5068
5800
−7.51209
143.7768
14.45495
−61.7253
−24.8296
−131.021
−9.00726
114.4158
5900
−7.46152
138.6641
14.42222
−66.0417
−24.7902
−133.375
−9.00598
109.1347
6000
−7.35914
133.6743
14.38015
−70.439
−24.7398
−135.849
−9.00546
103.4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com