Electronic Components Datasheet Search
  English  ▼

X  

ADL5544 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5544
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5544 Datasheet HTML 8Page - Analog Devices ADL5544 Datasheet HTML 9Page - Analog Devices ADL5544 Datasheet HTML 10Page - Analog Devices ADL5544 Datasheet HTML 11Page - Analog Devices ADL5544 Datasheet HTML 12Page - Analog Devices ADL5544 Datasheet HTML 13Page - Analog Devices ADL5544 Datasheet HTML 14Page - Analog Devices ADL5544 Datasheet HTML 15Page - Analog Devices ADL5544 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADL5544
Data Sheet
Rev. 0 | Page 12 of 20
GENERAL
65
45
47
49
51
53
55
57
59
61
63
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100 110
TEMPERATURE (°C)
5.00V
4.75V
5.25V
Figure 21. Supply Current vs. Temperature
60
50
40
30
20
10
0
17.0
17.1
17.2
17.3
17.4
17.5
17.6
17.7
GAIN (dB)
Figure 22. Gain Distribution at 900 MHz
18
16
14
12
10
8
6
4
2
0
18.0
17.9
17.8
17.7
17.6
17.5
17.4
17.3
17.2
17.1
17.0
16.9
P1dB (dBm)
Figure 23. P1dB Distribution at 900 MHz
70
50
52
54
56
58
60
62
64
66
68
1
19
17
15
13
11
9
7
5
3
POUT (dBm)
5.00V
4.75V
5.25V
Figure 24. Supply Current vs. POUT at 900 MHz
45
40
35
30
25
20
15
10
5
0
31
32
33
34
35
36
37
38
OIP3 (dBm)
Figure 25. OIP3 Distribution at 900 MHz, POUT = −7 dBm per Tone
70
60
50
40
30
20
10
0
2.6
3.2
3.1
3.0
2.9
2.8
2.7
NOISE FIGURE (dB)
Figure 26. Noise Figure Distribution at 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com