Electronic Components Datasheet Search
  English  ▼

X  

ADL5544 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5544
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5544 Datasheet HTML 4Page - Analog Devices ADL5544 Datasheet HTML 5Page - Analog Devices ADL5544 Datasheet HTML 6Page - Analog Devices ADL5544 Datasheet HTML 7Page - Analog Devices ADL5544 Datasheet HTML 8Page - Analog Devices ADL5544 Datasheet HTML 9Page - Analog Devices ADL5544 Datasheet HTML 10Page - Analog Devices ADL5544 Datasheet HTML 11Page - Analog Devices ADL5544 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5544
Data Sheet
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RFIN
GND
RFOUT
1
2
3
GND
ADL5544
TOP VIEW
(Not to Scale)
(2)
NOTES
1. THE EXPOSED PAD ENCOMPASSES PIN 2 AND THE
TAB AT THE TOP SIDE OF THE PACKAGE. SOLDER
THE EXPOSED PAD TO A LOW IMPEDANCE GROUND
PLANE FOR ELECTRICAL GROUNDING AND
THERMAL TRANSFER.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. This pin requires a dc blocking capacitor.
2
GND
Ground. Connect this pin to a low impedance ground plane.
3
RFOUT
RF Output and Supply Voltage. DC bias is provided to this pin through an inductor that is connected to
the external power supply. The RF path requires a dc blocking capacitor.
EPAD
Exposed Pad. The exposed pad encompasses Pin 2 and the tab at the top side of the package. Solder the
exposed pad to a low impedance ground plane for electrical grounding and thermal transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com