Electronic Components Datasheet Search
  English  ▼

X  

ADL5544 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5544
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5544 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5544 Datasheet HTML 6Page - Analog Devices ADL5544 Datasheet HTML 7Page - Analog Devices ADL5544 Datasheet HTML 8Page - Analog Devices ADL5544 Datasheet HTML 9Page - Analog Devices ADL5544 Datasheet HTML 10Page - Analog Devices ADL5544 Datasheet HTML 11Page - Analog Devices ADL5544 Datasheet HTML 12Page - Analog Devices ADL5544 Datasheet HTML 13Page - Analog Devices ADL5544 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADL5544
Data Sheet
Rev. 0 | Page 10 of 20
100 MHz TO 500 MHz FREQUENCY BAND
35
0
5
10
15
20
25
30
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
GAIN
NOISE FIGURE
P1dB
OIP3
Figure 9. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
Low Frequency Configuration
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
+25°C
+105°C
–40°C
+85°C
Figure 10. Gain vs. Frequency and Temperature,
Low Frequency Configuration
40
35
30
25
20
15
10
5
40
35
30
25
20
15
10
5
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
+25°C
+85°C
+105°C
–40°C
+25°C
+105°C
–40°C
+85°C
Figure 11. P1dB and OIP3 vs. Frequency and Temperature,
Low Frequency Configuration
35
25
27
29
31
33
–12
–2
–4
–6
–8
–10
POUT PER TONE (dBm)
140MHz
350MHz
Figure 12. OIP3 vs. Output Power (POUT) and Frequency,
Low Frequency Configuration
0
–30
–25
–20
–15
–10
–5
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
S11
S22
S12
Figure 13. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, Low Frequency Configuration
6.0
5.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (GHz)
+25°C
+85°C
–40°C
+105°C
Figure 14. Noise Figure vs. Frequency and Temperature,
Low Frequency Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com