Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM20
Description  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Datasheet(HTML) 5 Page - Texas Instruments

  LM20 Datasheet HTML 1Page - Texas Instruments LM20 Datasheet HTML 2Page - Texas Instruments LM20 Datasheet HTML 3Page - Texas Instruments LM20 Datasheet HTML 4Page - Texas Instruments LM20 Datasheet HTML 5Page - Texas Instruments LM20 Datasheet HTML 6Page - Texas Instruments LM20 Datasheet HTML 7Page - Texas Instruments LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits TA = TJ = 25°C; Unless otherwise noted.
LM20B
LM20C
LM20S
TYPICAL
UNIT
PARAMETER
CONDITIONS
Limits
Limits
Limits
(1)
(Limit)
(2)
(2)
(2)
0
μA ≤ IL ≤ 16 μA
−2.5
−2.5
−2.5
mV (max)
Load Regulation(7)
(5) (6)
2.4 V
≤ V+ ≤ 5.0V
3.3
3.7
3.7
mV/V (max)
Line Regulation(8)
5.0 V
≤ V+ ≤ 5.5 V
11
11
11
mV (max)
2.4V
≤ V+ ≤ 5.0V
4.5
7
7
7
μA (max)
Quiescent Current
5.0V
≤ V+ ≤ 5.5V
4.5
9
9
9
μA (max)
2.4V
≤ V+ ≤ 5.0V
4.5
10
10
10
μA (max)
Change of Quiescent Current
2.4 V
≤ V+ ≤ 5.5V
0.7
μA
Temperature Coefficient of
−11
nA/°C
Quiescent Current
Shutdown Current
V+
≤ 0.8 V
0.02
μA
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest
supply input voltage.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com