Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM20
Description  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Datasheet(HTML) 1 Page - Texas Instruments

  LM20 Datasheet HTML 1Page - Texas Instruments LM20 Datasheet HTML 2Page - Texas Instruments LM20 Datasheet HTML 3Page - Texas Instruments LM20 Datasheet HTML 4Page - Texas Instruments LM20 Datasheet HTML 5Page - Texas Instruments LM20 Datasheet HTML 6Page - Texas Instruments LM20 Datasheet HTML 7Page - Texas Instruments LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
LM20 2.4V, 10µA, SC70, DSBGA Temperature Sensor
Check for Samples: LM20
1
FEATURES
DESCRIPTION
2
•
Rated for full
−55°C to +130°C range
The LM20 is a precision analog output CMOS
•
Available in an SC70 and DSBGA package
integrated-circuit temperature sensor that operates
•
Predictable Curvature Error
over a
−55°C to 130°C temperature range. The
power supply operating range is 2.4 V to 5.5 V. The
•
Suitable for Remote Applications
transfer function of LM20 is predominately linear, yet
has a slight predictable parabolic curvature. The
APPLICATIONS
accuracy of the LM20 when specified to a parabolic
•
Cellular Phones
transfer function is ±1.5°C at an ambient temperature
of 30°C. The temperature error increases linearly and
•
Computers
reaches a maximum of ±2.5°C at the temperature
•
Power Supply Modules
range extremes. The temperature range is affected
•
Battery Management
by the power supply voltage. At a power supply
•
FAX Machines
voltage of 2.7 V to 5.5 V the temperature range
extremes are 130°C and
−55°C. Decreasing the
•
Printers
power supply voltage to 2.4 V changes the negative
•
HVAC
extreme to
−30°C, while the positive remains at
•
Disk Drives
130°C.
•
Appliances
The LM20 quiescent current is less than 10
μA.
Therefore, self-heating is less than 0.02°C in still air.
KEY SPECIFICATIONS
Shutdown capability for the LM20 is intrinsic because
its inherent low power consumption allows it to be
•
Accuracy at 30°C ±1.5 to ±4 °C (max)
powered directly from the output of many logic gates
•
Accuracy at 130°C and
−55°C ±2.5 to ±5 °C
or does not necessitate shutdown at all.
(max)
•
Power Supply Voltage Range 2.4 to 5.5 V
•
Current Drain 10
μA (max)
•
Nonlinearity ±0.4% (typ)
•
Output Impedance 160
Ω (max)
•
Load Regulation
0
μA < IL< 16 μA −2.5 mV (max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
LM20 TI2-LM20 Datasheet
845Kb / 26P
LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
REVISED JANUARY 2015
More results

Similar Description - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com