Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM20
Description  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM20 Datasheet HTML 10Page - Texas Instruments LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments LM20 Datasheet HTML 13Page - Texas Instruments LM20 Datasheet HTML 14Page - Texas Instruments LM20 Datasheet HTML 15Page - Texas Instruments LM20 Datasheet HTML 16Page - Texas Instruments LM20 Datasheet HTML 17Page - Texas Instruments LM20 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM20BIM7
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20BIM7/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20BIM7X
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20BIM7X/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20CIM7
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20CIM7/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20CIM7X
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20CIM7X/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LM20SITL/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.04
0.76
4.0
8.0
Q1
LM20SITLX/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.04
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com