Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM20
Description  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM20 Datasheet HTML 4Page - Texas Instruments LM20 Datasheet HTML 5Page - Texas Instruments LM20 Datasheet HTML 6Page - Texas Instruments LM20 Datasheet HTML 7Page - Texas Instruments LM20 Datasheet HTML 8Page - Texas Instruments LM20 Datasheet HTML 9Page - Texas Instruments LM20 Datasheet HTML 10Page - Texas Instruments LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM20
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
www.ti.com
Table 3. Temperature Rise of LM20 Due to Self-Heating and Thermal Resistance (
θJA)
(1)
SC70-5
SC70-5
No Heat Sink
Small Heat Sink
θJA
TJ − TA
θJA
TJ − TA
(°C/W)
(°C)
(°C/W)
(°C)
Still air
412
0.2
350
0.19
Moving air
312
0.17
266
0.15
(1)
See PCB Layouts Used For Thermal Measurements for PCB layout samples.
DSBGA
DSBGA
No Heat Sink
Small Heat Sink
θJA
TJ − TA
θJA
TJ − TA
(°C/W)
(°C)
(°C/W)
(°C)
Still air
340
0.18
TBD
TBD
Moving air
TBD
TBD
TBD
TBD
Capacitive Loads
The LM20 handles capacitive loading well. Without any precautions, the LM20 can drive any capacitive load less
than 300 pF as shown in Figure 6. Over the specified temperature range the LM20 has a maximum output
impedance of 160
Ω. In an extremely noisy environment it may be necessary to add some filtering to minimize
noise pickup. It is recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as
shown in Figure 7. In a noisy environment it may even be necessary to add a capacitor from the output to ground
with a series resistor as shown in Figure 7. A 1
μF output capacitor with the 160 Ω maximum output impedance
and a 200
Ω series resistor will form a 442 Hz lowpass filter. Since the thermal time constant of the LM20 is
much slower, the overall response time of the LM20 will not be significantly affected.
Figure 6. LM20 No Decoupling Required for Capacitive Loads Less Than 300 pF
R (
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com