Electronic Components Datasheet Search
  English  ▼

X  

AD5504 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5504
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5504 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5504 Datasheet HTML 11Page - Analog Devices AD5504 Datasheet HTML 12Page - Analog Devices AD5504 Datasheet HTML 13Page - Analog Devices AD5504 Datasheet HTML 14Page - Analog Devices AD5504 Datasheet HTML 15Page - Analog Devices AD5504 Datasheet HTML 16Page - Analog Devices AD5504 Datasheet HTML 17Page - Analog Devices AD5504 Datasheet HTML 18Page - Analog Devices AD5504 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 15 of 20
TEMPERATURE SENSOR
The AD5504 has an integrated temperature sensor that causes
the part to enter thermal shutdown mode when the temperature
on the die exceeds 110°C. In thermal shutdown mode, the
analog section of the device powers down and the DAC outputs
are disconnected, but the digital section remains operational,
which is equivalent to setting the power-down bit in the control
register. To indicate that the AD5504 has entered temperature
shutdown mode, Bit 0 of the control register is set to 1 and the
ALARM pin goes low. The AD5504 remains in temperature
shutdown mode with Bit 0 set to 1 and the ALARM pin low, even
if the die temperature falls, until Bit 0 in the control register is
cleared to 0.
POWER DISSIPATION
Drawing current from any of the voltage output pins causes a
temperature rise in the die and package of the AD5504. The
package junction temperature (TJ) should not exceed 130°C for
normal operation. If the die temperature exceeds 110°C, the
AD5504 enters thermal shutdown mode as described in the
Temperature Sensor section.
The amount of heat generated can be calculated using the
formula
TJ = TA + (PTOTAL × θJA)
where:
TJ is the package junction temperature.
TA is the ambient temperature.
PTOTAL is the total power being consumed by the AD5504.
θJA is the thermal impedance of the AD5504 package (see the
Absolute Maximum Ratings section for this value).
POWER SUPPLY SEQUENCING
The power supplies for the AD5504 can be applied in any order
without affecting the device. However, the AGND and DGND
pins should be connected to the relevant ground plane before
the power supplies are applied. None of the digital input pins
(SCLK, SDI, SYNC, R_SEL and CLR) should be allowed to float
during power up. The digital input pins can be connected to
pull-up (to VLOGIC) or pull-down (to DGND) resistors as
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com