Electronic Components Datasheet Search
  English  ▼

X  

AD5504 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5504
Description  High Voltage, Quad-Channel 12-Bit Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5504 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5504 Datasheet HTML 12Page - Analog Devices AD5504 Datasheet HTML 13Page - Analog Devices AD5504 Datasheet HTML 14Page - Analog Devices AD5504 Datasheet HTML 15Page - Analog Devices AD5504 Datasheet HTML 16Page - Analog Devices AD5504 Datasheet HTML 17Page - Analog Devices AD5504 Datasheet HTML 18Page - Analog Devices AD5504 Datasheet HTML 19Page - Analog Devices AD5504 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5504
Rev. B | Page 17 of 20
Table 10. Control Register Functions
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB01
R/W
1
1
1
0
0
0
0
0
C6
C5
C4
C3
C2
C1
C0
1
Read-only bit. This bit should be 0 when writing to the control register.
Table 11. Control Register Function Bit Descriptions
Bit No.
Bit Name
Description
DB0
C0
C0 = 0: the device is not in thermal shutdown mode.
C0 = 1: the device is in thermal shutdown mode.
DB1
C1
C1 = 0: reserved. This bit should be 0 when writing to the control register.
DB2
C21
C2 = 0: DAC Channel A power-down (default).
C2 = 1: DAC Channel A power-up.
DB3
C31
C3 = 0: DAC Channel B power-down (default).
C3 = 1: DAC Channel B power-up.
DB4
C41
C4 = 0: DAC Channel C power-down (default).
C4 = 1: DAC Channel C power-up.
DB5
C51
C5 = 0: DAC Channel D power-down (default).
C5 = 1: DAC Channel D power-up.
DB6
C6
C6 = 0: outputs connected to AGND through a 20 kΩ resistor (default).
C6 = 1: outputs are three-stated.
1
If Bit C2 to Bit C5 are set to 0, the part is placed in power-down mode.
WRITE N
WRITE N + 1
WRITE TO
CONTROL REGISTER
NOP
WRITE TO
CONTROL REGISTER
WRITE TO
DAC REGISTER
WRITE N + 2
WRITE TO
CONTROL REGISTER
WRITE TO
CONTROL REGISTER
NOP
WRITE TO
CONTROL REGISTER
WRITE TO
CONTROL REGISTER
WRITE TO
DAC REGISTER
Figure 18. Control Register Write Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com