Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 4 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 4 Page - Analog Devices

  ADG439F Datasheet HTML 1Page - Analog Devices ADG439F Datasheet HTML 2Page - Analog Devices ADG439F Datasheet HTML 3Page - Analog Devices ADG439F Datasheet HTML 4Page - Analog Devices ADG439F Datasheet HTML 5Page - Analog Devices ADG439F Datasheet HTML 6Page - Analog Devices ADG439F Datasheet HTML 7Page - Analog Devices ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 4 of 16
B Version
Parameter
+25°C
−40°C to
+85°C
−40°C to
+105°C
−40°C to
+125°C
Unit
Test Conditions/Comments
Settling Time, tSETT
0.1%
1
1
1
μs typ
RL = 1 kΩ, CL = 35 pF
0.01%
2.5
2.5
2.5
μs typ
VS = 5 V
Charge Injection
15
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 28
Off Isolation
93
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz,
VS = 7 V rms; see Figure 23
Channel-to-Channel Crosstalk
93
dB typ
RL = 1 kΩ, CL = 15 pF, f = 100 kHz,
VS = 7 rms; see Figure 24
CS (Off )
3
pF typ
CD (Off )
ADG438F
22
pF typ
ADG439F
12
pF typ
POWER REQUIREMENTS
IDD
0.05
mA typ
VIN = 0 V or 5 V
0.1
0.2
0.2
0.2
mA max
ISS
0.1
μA typ
1
1
1
μA max
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com