Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 5 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 5 Page - Analog Devices

  ADG439F Datasheet HTML 1Page - Analog Devices ADG439F Datasheet HTML 2Page - Analog Devices ADG439F Datasheet HTML 3Page - Analog Devices ADG439F Datasheet HTML 4Page - Analog Devices ADG439F Datasheet HTML 5Page - Analog Devices ADG439F Datasheet HTML 6Page - Analog Devices ADG439F Datasheet HTML 7Page - Analog Devices ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Table 2.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Digital Input, EN, Ax
−0.3 V to VDD + 0.3 V or 20 mA,
whichever occurs first
VS, Analog Input Overvoltage with
Power On (VDD = +15 V, VSS = −15 V)
VSS − 25 V to VDD + 40 V
VS, Analog Input Overvoltage with
Power Off (VDD = 0 V, VSS = 0 V)
−40 V to +55 V
Continuous Current, S or D
20 mA
Peak Current, S or D (Pulsed at 1 ms,
10% Duty Cycle Maximum)
40 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Plastic DIP Package
θJA, Thermal Impedance
117°C/W
SOIC Package
θJA, Thermal Impedance
Narrow Body
125°C/W
Wide Body
90°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com