Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 12 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices ADG439F Datasheet HTML 10Page - Analog Devices ADG439F Datasheet HTML 11Page - Analog Devices ADG439F Datasheet HTML 12Page - Analog Devices ADG439F Datasheet HTML 13Page - Analog Devices ADG439F Datasheet HTML 14Page - Analog Devices ADG439F Datasheet HTML 15Page - Analog Devices ADG439F Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 12 of 16
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
ΔRON
ΔRON represents the difference between the RON of any two
channels as a percentage of the maximum RON of those two
channels.
RFLAT (ON)
Flatness is defined as the difference between the maximum and
minimum value of the on resistance measured over the specified
analog signal range and is represented by RFLAT (ON).
Flatness is calculated by
((RMAX − RMIN) / RMAX × 100)
RON Drift
Change in RON when temperature changes by one degree Celsius.
IS (Off)
Source leakage current when the switch is off.
ID (Off)
Drain leakage current when the switch is off.
ID, IS (On)
Channel leakage current when the switch is on.
VD (VS)
Analog voltage on Terminal D and Terminal S.
IS (Fault—Power Supplies On)
Source leakage current when exposed to an overvoltage
condition.
ID (Fault—Power Supplies On)
Drain leakage current when exposed to an overvoltage
condition.
IS (Fault—Power Supplies Off)
Source leakage current with power supplies off.
CS (Off)
Channel input capacitance for off condition.
CD (Off)
Channel output capacitance for off condition.
CD, CS (On)
On switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of the digital input
and switch on condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input
and switch off condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital
inputs and the switch on condition when switching from one
address state to another.
tOPEN
Off time measured between 80% points of both switches when
switching from one address state to another.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
Off Isolation
A measure of unwanted signal coupling through an off channel.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
IDD
Positive supply current.
ISS
Negative supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com