Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 6 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG439F Datasheet HTML 2Page - Analog Devices ADG439F Datasheet HTML 3Page - Analog Devices ADG439F Datasheet HTML 4Page - Analog Devices ADG439F Datasheet HTML 5Page - Analog Devices ADG439F Datasheet HTML 6Page - Analog Devices ADG439F Datasheet HTML 7Page - Analog Devices ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices ADG439F Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A0 1
EN 2
VSS 3
S1 4
A1
16
A2
15
GND
14
VDD
13
S2 5
S3 6
S4 7
S5
12
S6
11
S7
10
D 8
S8
9
ADG438F
TOP VIEW
(Not to Scale)
Figure 3. ADG438F Pin Configuration
Table 3. ADG438F Pin Function Description
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled, and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential. In
single-supply applications, this pin can be
connected to ground.
4
S1
Source Terminal 1. This pin can be an input
or an output.
5
S2
Source Terminal 2. This pin can be an input
or an output.
6
S3
Source Terminal 3. This pin can be an input
or an output.
7
S4
Source Terminal 4. This pin can be an input
or an output.
8
D
Drain Terminal. This pin can be an input or
an output.
9
S8
Source Terminal 8. This pin can be an input
or an output.
10
S7
Source Terminal 7. This pin can be an input
or an output.
11
S6
Source Terminal 6. This pin can be an input
or an output.
12
S5
Source Terminal 5. This pin can be an input
or an output.
13
VDD
Most Positive Power Supply Potential.
14
GND
Ground (0 V) Reference.
15
A2
Logic Control Input.
16
A1
Logic Control Input.
A0 1
EN 2
VSS 3
S1A 4
A1
16
GND
15
VDD
14
S1B
13
S2A 5
S3A 6
S4A 7
S2B
12
S3B
11
S4B
10
DA 8
DB
9
ADG439F
TOP VIEW
(Not to Scale)
Figure 4. ADG439F Pin Configuration
Table 4. ADG439F Pin Function Description
Pin
No.
Mnemonic
Description
1
A0
Logic Control Input.
2
EN
Active High Digital Input. When low, the
device is disabled, and all switches are off.
When high, Ax logic inputs determine on
switches.
3
VSS
Most Negative Power Supply Potential. In
single-supply applications, this pin can be
connected to ground.
4
S1A
Source Terminal 1A. This pin can be an
input or an output.
5
S2A
Source Terminal 2A. This pin can be an
input or an output.
6
S3A
Source Terminal 3A. This pin can be an
input or an output.
7
S4A
Source Terminal 4A. This pin can be an
input or an output.
8
DA
Drain Terminal A. This pin can be an input
or an output.
9
DB
Drain Terminal B. This pin can be an input
or an output.
10
S4B
Source Terminal 4B. This pin can be an
input or an output.
11
S3B
Source Terminal 3B. This pin can be an
input or an output.
12
S2B
Source Terminal 2B. This pin can be an
input or an output.
13
S1B
Source Terminal 1B. This pin can be an
input or an output.
14
VDD
Most Positive Power Supply Potential.
15
GND
Ground (0 V) Reference.
16
A1
Logic Control Input.
Table 5. ADG438F Truth Table1
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
1 X = don’t care.
Table 6. ADG439F Truth Table1
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com