Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 4 Page - Analog Devices

Part # OP270
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 4 Page - Analog Devices

  OP270 Datasheet HTML 1Page - Analog Devices OP270 Datasheet HTML 2Page - Analog Devices OP270 Datasheet HTML 3Page - Analog Devices OP270 Datasheet HTML 4Page - Analog Devices OP270 Datasheet HTML 5Page - Analog Devices OP270 Datasheet HTML 6Page - Analog Devices OP270 Datasheet HTML 7Page - Analog Devices OP270 Datasheet HTML 8Page - Analog Devices OP270 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OP270
Rev. E | Page 4 of 20
ELECTRICAL SPECIFICATIONS
VS = ±15 V, −40°C ≤ TA ≤ 85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions
OP270E
OP270F
OP270G
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VOS
25
150
45
275
100
400
μV
Average Input Offset
Voltage Drift
TCVOS
0.2
1
0.4
2
0.7
3
μV/°C
Input Offset Current
IOS
VCM = 0 V
1.5
30
5
40
15
50
nA
Input Bias Voltage
IB
VCM = 0 V
6
60
15
70
19
80
nA
Large-Signal Voltage Gain
AVO
VO = ±10 V,
RL = 10 kΩ
1000
1800
600
1400
400
1250
V/mV
AVO
VO = ±10 V,
RL = 2 kΩ
500
900
300
700
225
670
V/mV
Input Voltage Range1
IVR
±12
±12.5
±12
±12.5
±12
±12.5
V
Output Voltage Swing
VO
RL ≥ 2 kΩ
±12
±13.5
±12
±13.5
±12
±13.5
V
Common-Mode Rejection
CMR
VCM = ±11 V
100
120
94
115
90
100
dB
Power Supply Rejection
Ratio
PSRR
VS = ±4.5 V to ±18 V
0.7
5.6
1.8
10
2.0
1.5
μV/V
Supply Current
(All Amplifiers)
ISY
No load
4.4
7.2
4.4
7.2
4.4
7.2
mA
1 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com