Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 16 Page - Analog Devices

Part # OP270
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP270 Datasheet HTML 12Page - Analog Devices OP270 Datasheet HTML 13Page - Analog Devices OP270 Datasheet HTML 14Page - Analog Devices OP270 Datasheet HTML 15Page - Analog Devices OP270 Datasheet HTML 16Page - Analog Devices OP270 Datasheet HTML 17Page - Analog Devices OP270 Datasheet HTML 18Page - Analog Devices OP270 Datasheet HTML 19Page - Analog Devices OP270 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OP270
Rev. E | Page 16 of 20
LOW PHASE ERROR AMPLIFIER
The simple amplifier depicted in Figure 41 utilizes a monolithic
dual operational amplifier and a few resistors to substantially
reduce phase error compared with conventional amplifier
designs. At a given gain, the frequency range for a specified
phase accuracy is more than a decade greater than that of a
standard single op amp amplifier.
The low phase error amplifier performs second-order fre-
quency compensation through the response of Op Amp A2 in
the feedback loop of A1. Both op amps must be extremely well
matched in frequency response. At low frequencies, the A1
feedback loop forces V2/(K1 + 1) = VIN. The A2 feedback loop
forces VO/(K1 + 1) = V2/(K1 + 1), yielding an overall transfer
function of VO/VIN = K1 + 1. The dc gain is determined by the
resistor divider at the output, VO, and is not directly affected by
the resistor divider around A2. Note that, like a conventional
single op amp amplifier, the dc gain is set by resistor ratios only.
Minimum gain for the low phase error amplifier is 10.
1/2
OP270E
A2
1/2
OP270E
A1
R1
VO
V2
VIN
R1
K1
R2
R2 = R1
ωT
s
R2
K2
VO = (K1 + 1)VIN
ASSUME A1 AND A2 ARE MATCHED.
AO(s) =
Figure 41. Low Phase Error Amplifier
Figure 42 compares the phase error performance of the low
phase error amplifier with a conventional single op amp
amplifier and a cascaded two-stage amplifier. The low phase
error amplifier shows a much lower phase error, particularly for
frequencies where ω/βωT < 0.1. For example, a phase error of
−0.1° occurs at 0.002 ω/βωT for the single op amp amplifier, but
at 0.11 ω/βωT for the low phase error amplifier.
–7
–6
–5
–4
–3
–2
–1
0
FREQUENCY RATIO (1/βω)(ω/ωT)
0.001
0.005
0.01
0.1
1
LOW PHASE ERROR
AMPLIFIER
CASCADED
(TWO STAGES)
SINGLE OP AMP.
CONVENTIONAL DESIGN
0.05
0.5
Figure 42. Phase Error Comparison
FIVE-BAND, LOW NOISE, STEREO GRAPHIC
EQUALIZER
The graphic equalizer circuit shown in Figure 43 provides 15 dB
of boost or cut over a five-band range. Signal-to-noise ratio over
a 20 kHz bandwidth is better than 100 dB and referred to a 3 V
rms input. Larger inductors can be replaced by active inductors,
but consequently reduces the signal-to-noise ratio.
1/2
OP270E
1/2
OP270E
R2
3.3kΩ
R1
47kΩ
R4
1kΩ
60Hz
TANTALUM
VOUT
VIN
R14
100Ω
R13
3.3kΩ
C2
6.8µF
L1
1H
C1
0.47µF
R3
680Ω
200Hz
R6
1kΩ
800Hz
R8
1kΩ
3kHz
R10
1kΩ
10kHz
R12
1kΩ
+
TANTALUM
C3
1µF
L2
600mH
R5
680Ω
+
C4
0.22µF
L3
180mH
R7
680Ω
+
C5
0.047µF
L4
60mH
R9
680Ω
+
C6
0.022µF
L5
10mH
R11
680Ω
+
Figure 43. Five-Band, Low Noise Graphic Equalizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com