Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 8 Page - Analog Devices

Part # OP270
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP270 Datasheet HTML 4Page - Analog Devices OP270 Datasheet HTML 5Page - Analog Devices OP270 Datasheet HTML 6Page - Analog Devices OP270 Datasheet HTML 7Page - Analog Devices OP270 Datasheet HTML 8Page - Analog Devices OP270 Datasheet HTML 9Page - Analog Devices OP270 Datasheet HTML 10Page - Analog Devices OP270 Datasheet HTML 11Page - Analog Devices OP270 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP270
Rev. E | Page 8 of 20
140
100
120
0
20
40
60
80
FREQUENCY (Hz)
1
10
1k
10k
100k
1M
10M
100M
100
TA = 25°C
–PSR
+PSR
Figure 15. PSR vs. Frequency
140
100
120
0
20
40
60
80
FREQUENCY (Hz)
1
10
1k
10k
100k
1M
10M
100M
100
TA = 25°C
VS = ±15V
Figure 16. Open-Loop Gain vs. Frequency
80
60
–20
0
20
40
FREQUENCY (Hz)
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
Figure 17. Closed-Loop Gain vs. Frequency
25
15
20
–10
–5
0
5
10
FREQUENCY (MHz)
12
3
4
5
6
7
8
9 10
TA = 25°C
VS = ±15V
180
160
140
120
100
80
PHASE
MARGIN = 62°
GAIN
PHASE
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency
5000
1000
2000
3000
4000
0
0
±5
±10
±15
±20
±25
SUPPLY VOLTAGE (V)
Figure 19. Open-Loop Gain vs. Supply Voltage
80
70
40
50
60
TEMPERATURE (°C)
–75
–50
–25
25
50
75
100
125
150
0
4
5
6
7
8
GBP
Ф
Figure 20. Phase Margin and Gain Bandwidth Product vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com