Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 17 Page - Analog Devices

Part # OP270
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP270 Datasheet HTML 12Page - Analog Devices OP270 Datasheet HTML 13Page - Analog Devices OP270 Datasheet HTML 14Page - Analog Devices OP270 Datasheet HTML 15Page - Analog Devices OP270 Datasheet HTML 16Page - Analog Devices OP270 Datasheet HTML 17Page - Analog Devices OP270 Datasheet HTML 18Page - Analog Devices OP270 Datasheet HTML 19Page - Analog Devices OP270 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OP270
Rev. E | Page 17 of 20
1/2
OP270GP
VIN
NC
RFBA
1
1
23
24
22
18
19
CS
WR
WRITE
CONTROL
20
6
5
7
3
2
4
3
21
VDD
DAC8221P
2
8
4
0.01µF
+15V
–15V
OUT
IOUTA
IOUTB
AGND
DGND
5
1/2
OP270GP
DAC B
DAC A
+5V
10µF
–
+
10µF
–
+
0.1µF
RFBB
VREFA
VREFB
DAC A/DAC B
DAC DATA BUS
PINS 6 (MSB) TO 17 (LSB)
OUT
DIGITAL PANNING CONTROL
Figure 44 uses a DAC8221 (a dual 12-bit CMOS DAC) to pan a
signal between two channels. One channel is formed by the
current output of DAC A driving one-half of an OP270 in a
current-to-voltage converter configuration. The other channel
is formed by the complementary output current of DAC A,
which normally flows to ground through the AGND pin. This
complementary current is converted to a voltage by the other
half of the OP270, which also holds AGND at virtual ground.
Gain error due to mismatching between the internal DAC
ladder resistors and the current-to-voltage feedback resistors is
eliminated by using feedback resistors internal to the DAC8221.
Only DAC A passes a signal; DAC B provides the second
feedback resistor. With VREFB unconnected, the current-to-
voltage converter, using RFBB, is accurate and not influenced by
digital data reaching DAC B. Distortion of the digital panning
control is less than 0.002% over the 20 Hz to 20 kHz audio
range. Figure 45 shows the complementary outputs for a 1 kHz
input signal and a digital ramp applied to the DAC data input.
DUAL PROGRAMMABLE GAIN AMPLIFIER
Figure 44. Digital Panning Control
The dual OP270 and the DAC8221 (a dual 12-bit CMOS DAC)
can be combined to form a space-saving, dual programmable
amplifier. The digital code present at the DAC, which is easily
set by a microprocessor, determines the ratio between the internal
feedback resistor and the resistance that the DAC ladder presents
to the op amp feedback loop. Gain of each amplifier is
5V
5V
1ms
A OUT
A OUT
n
V
V
IN
O
4096
−
=
where n is the decimal equivalent of the 12-bit digital code
present at the DAC.
If the digital code present at the DAC consists of all 0s, the
feedback loop opens, causing the op amp output to saturate. A
20 MΩ resistor placed in parallel with the DAC feedback loop
eliminates this problem with only a very small reduction in gain
accuracy.
Figure 45. Digital Panning Control Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com