Electronic Components Datasheet Search
  English  ▼

X  

OP497GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP497GP
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP497GP Datasheet HTML 2Page - Analog Devices OP497GP Datasheet HTML 3Page - Analog Devices OP497GP Datasheet HTML 4Page - Analog Devices OP497GP Datasheet HTML 5Page - Analog Devices OP497GP Datasheet HTML 6Page - Analog Devices OP497GP Datasheet HTML 7Page - Analog Devices OP497GP Datasheet HTML 8Page - Analog Devices OP497GP Datasheet HTML 9Page - Analog Devices OP497GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP497
Rev. E | Page 6 of 16
±3
0
5
1
±1
0
±2
4
3
2
TIME AFTER POWER APPLIED (Minutes)
TA = 25°C
VS = ±15V
VCM = 0V
Figure 11. Input Offset Voltage Warm-Up Drift
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
SOURCE RESISTANCE (
Ω)
TA = 25°C
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
Figure 12. Effective Offset Voltage vs. Source Resistance
100
1k
10k
100k
1M
10M
100M
100
10
1
0.1
SOURCE RESISTANCE (
Ω)
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
Figure 13. Effective TCVOS vs. Source Resistance
1k
100
10
1
VOLTAGE NOISE
CURRENT NOISE
TA = 25°C
VS = ±2V TO ±20V
FREQUENCY (Hz)
1
10
100
1k
Figure 14. Voltage Noise Density vs. Frequency
10
1
0.1
0.01
SOURCE RESISTANCE (
Ω)
1kHz
10Hz
100
1k
10k
100k
1M
10M
TA = 25°C
VS = ±2V TO ±20V
Figure 15. Total Noise Density vs. Source Resistance
100
90
10
0%
1s
5mV
024
68
10
TIME (Seconds)
VS = ±15V
TA = 25°C
Figure 16. 0.1 Hz to 10 Hz Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com