Electronic Components Datasheet Search
  English  ▼

X  

OP497GP Datasheet(PDF) 10 Page - Analog Devices

Part # OP497GP
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP497GP Datasheet HTML 6Page - Analog Devices OP497GP Datasheet HTML 7Page - Analog Devices OP497GP Datasheet HTML 8Page - Analog Devices OP497GP Datasheet HTML 9Page - Analog Devices OP497GP Datasheet HTML 10Page - Analog Devices OP497GP Datasheet HTML 11Page - Analog Devices OP497GP Datasheet HTML 12Page - Analog Devices OP497GP Datasheet HTML 13Page - Analog Devices OP497GP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP497
Rev. E | Page 10 of 16
APPLICATIONS INFORMATION
Extremely low bias current makes the OP497 attractive for use
in sample-and-hold amplifiers, peak detectors, and log amplifiers
that must operate over a wide temperature range. Balancing
input resistances is not necessary with the OP497. High source
resistance, even when unbalanced, only minimally degrades the
offset voltage and TCVOS.
The input pins of the OP497 are protected against large differential
voltage by back-to-back diodes and current-limiting resistors.
Common-mode voltages at the inputs are not restricted and
may vary over the full range of the supply voltages used.
The OP497 requires very little operating headroom about the
supply rails and is specified for operation with supplies as low as
±2 V. Typically, the common-mode range extends to within 1 V
of either rail. When using a 10 kΩ load, the output typically
swings to within 1 V of the rails.
AC PERFORMANCE
The ac characteristics of the OP497 are highly stable over its full
operating temperature range. Figure 30 shows the unity-gain
small signal response. Extremely tolerant of capacitive loading
on the output, the OP497 displays excellent response even with
1000 pF loads (see Figure 31).
10
90
100
0%
20mV
5µs
Figure 30. Small Signal Transient Response (CLOAD = 100 pF, AVCL = +1)
10
90
100
0%
20mV
5µs
Figure 31. Small Signal Transient Response (CLOAD = 1000 pF, AVCL = +1)
10
90
100
0%
2V
50µs
Figure 32. Large Signal Transient Response (AVCL = +1)
–IN
+IN
2.5k
Ω
V+
VOUT
V–
2.5k
Ω
Figure 33. Simplified Schematic Showing One Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com